Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1237881 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1237881
Description  Cooling unit - EV-HPC-PCU-01
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1237881 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1237881 Datasheet HTML 1Page - PHOENIX CONTACT 1237881 Datasheet HTML 2Page - PHOENIX CONTACT 1237881 Datasheet HTML 3Page - PHOENIX CONTACT 1237881 Datasheet HTML 4Page - PHOENIX CONTACT 1237881 Datasheet HTML 5Page - PHOENIX CONTACT 1237881 Datasheet HTML 6Page - PHOENIX CONTACT 1237881 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RS-485 Modbus WH can only be used by the manufacturer
RS-485 Modbus BU can only be used by the manufacturer
Function interface: Level sensor
connection
Plug straight M12 A-coded
Dimensions
Width
403 mm
Height
534 mm
Depth
198 mm
Material specifications
Material
AluminumStainless steel
Cable / line
1.5 m (Fan)
Cable length
1.5 m (Pump)
Mechanical properties
Cooling capacity
approx. 0.06 kW/K (at 2 l/min)
Volumetric flow
approx. 2 l/min (at 1 bar)
Coolant
50% water, 50% glycol (Glysofor N)
Environmental and real-life conditions
Ambient conditions
Degree of protection Fans
IP55 (Fan)
Degree of protection Pump
IP65 (Pump)
Ambient temperature (operation)
-20 °C ... 50 °C
Ambient temperature (storage/transport)
-25 °C ... 50 °C
Altitude
max. 1000 m (above sea level)
Volume
≤ 60 db(A) (with free-standing system and 1 m distance)
Cooling unit - EV-HPC-PCU-01
1237881
https://www.phoenixcontact.com/us/products/1237881
Nov 16, 2022, 7:27 AM
Page 3 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com