Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC78B015CFTG Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # TC78B015CFTG
Description  3-phase Driver for Brushless DC Motors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC78B015CFTG Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button TC78B015CFTG Datasheet HTML 17Page - Toshiba Semiconductor TC78B015CFTG Datasheet HTML 18Page - Toshiba Semiconductor TC78B015CFTG Datasheet HTML 19Page - Toshiba Semiconductor TC78B015CFTG Datasheet HTML 20Page - Toshiba Semiconductor TC78B015CFTG Datasheet HTML 21Page - Toshiba Semiconductor TC78B015CFTG Datasheet HTML 22Page - Toshiba Semiconductor TC78B015CFTG Datasheet HTML 23Page - Toshiba Semiconductor TC78B015CFTG Datasheet HTML 24Page - Toshiba Semiconductor TC78B015CFTG Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
TC78B015CFTG
2016-12-26
21
13. Brake function
If high level is input into BRAKE terminal, the reverse brake works to stop the motor operation.
After the input signal into BRAKE terminal is changed from L level to H level during the motor rotation, the
reverse brake works until the position signal frequency becomes 40 Hz. When the position signal frequency
is less than 40 Hz, the motor will stop.
However, when the input signal into BRAKE terminal is changed from L level to H level under the condition
that the output duty command of TSP/VSP terminal is 0%, the operation sequence is shown as the below
table.
BRAKE
Functional description
High
Brake
Low or open
Normal operation
In case the input signal into BRAKE terminal is changed from L level to H level under the condition that the
output duty command of TSP/VSP terminal is 0%
Status
Brake sequence
Position signal frequency ≤ 40Hz
Short brake
Position signal frequency > 40Hz
Reverse brake → Short brake
14. Overvoltage monitoring function
When MVM = 2.0 V (typ.) or more, drive mode is 120-degree conduction.
MVM has 0.2 V (typ.) of hysteresis. If MVM < 1.8 V (typ.), drive restarts.
MVM
Function description
MVM ≥ 2.0 V (typ.)
120-degree commutation
MVM < 1.8 V (typ.)
150-degree commutation
15. Current limit circuit
Current limit circuit turns off upper side of the output transistors and limits the current. Driver restarts
just when PWM turns on.
Value of current limit is configured by the external resistance.
(Example) When 39 kΩ is set as the resistor (R), IOUT (typ.) = 39000/R = 39000/39000 ∼− 1.0 A
IR
ILIM
U
V
W
Detector
Detector
Detector
R = 39 kΩ (typ.)
VM
PGND1, PGND2
Detector
Detector
Detector
Current limit
circuit
Setting current
limit value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com