Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STB100N10F7 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STB100N10F7
Description  N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB100N10F7 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STB100N10F7_V01 Datasheet HTML 17Page - STMicroelectronics STB100N10F7_V01 Datasheet HTML 18Page - STMicroelectronics STB100N10F7_V01 Datasheet HTML 19Page - STMicroelectronics STB100N10F7_V01 Datasheet HTML 20Page - STMicroelectronics STB100N10F7_V01 Datasheet HTML 21Page - STMicroelectronics STB100N10F7_V01 Datasheet HTML 22Page - STMicroelectronics STB100N10F7_V01 Datasheet HTML 23Page - STMicroelectronics STB100N10F7_V01 Datasheet HTML 24Page - STMicroelectronics STB100N10F7_V01 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
4.5
I²PAK package information
Figure 29. I²PAK package outline
0004982_Rev_H
STB100N10F7,STD100N10F7,STF100N10F7,STI100N10F7,STP100N10F7
I²PAK package information
DS9291 - Rev 5
page 21/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com