Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGD3NC120H-1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGD3NC120H-1
Description  7 A, 1200 V very fast IGBT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD3NC120H-1 Datasheet(HTML) 4 Page - STMicroelectronics

  STGD3NC120H-1 Datasheet HTML 1Page - STMicroelectronics STGD3NC120H-1 Datasheet HTML 2Page - STMicroelectronics STGD3NC120H-1 Datasheet HTML 3Page - STMicroelectronics STGD3NC120H-1 Datasheet HTML 4Page - STMicroelectronics STGD3NC120H-1 Datasheet HTML 5Page - STMicroelectronics STGD3NC120H-1 Datasheet HTML 6Page - STMicroelectronics STGD3NC120H-1 Datasheet HTML 7Page - STMicroelectronics STGD3NC120H-1 Datasheet HTML 8Page - STMicroelectronics STGD3NC120H-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STGD3NC120H
4/13
Doc ID 023355 Rev 1
2
Electrical characteristics
TJ = 25 °C unless otherwise specified.
Table 4.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter
breakdown voltage
(VGE = 0)
IC = 1 mA
1200
V
VCE(sat)
Collector-emitter saturation
voltage
VGE = 15 V, IC = 3 A
VGE = 15 V, IC = 3 A, TJ=125 °C
2.3
2.2
2.8
V
V
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 250 µA
2
5
V
ICES
Collector cut-off current
(VGE = 0)
VCE = 1200 V
VCE = 1200 V, TJ=125 °C
50
1
µA
mA
IGES
Gate-emitter leakage
current (VCE = 0)
VGE = ± 20 V
± 100
nA
gfs
(1)
1.
Pulse duration: 300 µs, duty cycle 1.5%
Forward transconductance
VCE = 25 V, IC = 3 A
4
S
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Coes
Cres
Input capacitance
Output capacitance
Reverse transfer
capacitance
VCE = 25 V, f = 1 MHz, VGE=0
-
470
45
6
-
pF
pF
pF
Qg
Qge
Qgc
Total gate charge
Gate-emitter charge
Gate-collector charge
VCE = 960 V,
IC= 3 A,VGE=15 V
-
24
3
10
-
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com