Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGIPN3HD60-H Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGIPN3HD60-H
Description  SLLIMM-nano IPM, 3 A, 600 V 3-phase inverter bridge IGBT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPN3HD60-H Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGIPN3HD60-H Datasheet HTML 7Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 8Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 9Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 10Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 11Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 12Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 13Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 14Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Table 12. Sense comparator characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Iib
Input bias current
VCIN = 1 V
3
µA
Vol
Open-drain low level output
voltage
Iod = 3 mA
0.5
V
RON_OD
Open-drain low level output
Iod = 3 mA
166
Ω
RPD_SD
SD pull-down resistor (1)
125
kΩ
td_comp
Comparator delay
SD/OD pulled to 5 V through
100 kΩ resistor
90
130
ns
SR
Slew rate
CL = 180 pF; Rpu = 5 kΩ
60
V/µs
tsd
Shutdown to high / low-side
driver propagation delay
VOUT = 0 V, Vboot = VCC,
VIN = 0 to 3.3 V
50
125
200
ns
tisd
Comparator triggering to
high / low-side driver turn-off
propagation delay
Measured applying a voltage
step from 0 V to 3.3 V to pin
CIN
50
200
250
1. Equivalent values as a result of the resistances of three drivers in parallel.
Table 13. Truth table
Condition
Logic input (VI)
Output
SD/OD
LIN
HIN
LVG
HVG
Shutdown enable half-bridge tri-state
L
X (1)
X(1)
L
L
Interlocking half-bridge tri-state
H
H
H
L
L
0 “logic state” half-bridge tri-state
H
L
L
L
L
1 “logic state” low side direct driving
H
H
L
H
L
1 “logic state” high side direct driving
H
L
H
L
H
1. X: don’t care.
STGIPN3HD60-H
Control part
DS11784 - Rev 3
page 11/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com