Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGP10HF60KD Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGP10HF60KD
Description  10 A - 600 V - short-circuit rugged IGBT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP10HF60KD Datasheet(HTML) 3 Page - STMicroelectronics

  STGP10HF60KD Datasheet HTML 1Page - STMicroelectronics STGP10HF60KD Datasheet HTML 2Page - STMicroelectronics STGP10HF60KD Datasheet HTML 3Page - STMicroelectronics STGP10HF60KD Datasheet HTML 4Page - STMicroelectronics STGP10HF60KD Datasheet HTML 5Page - STMicroelectronics STGP10HF60KD Datasheet HTML 6Page - STMicroelectronics STGP10HF60KD Datasheet HTML 7Page - STMicroelectronics STGP10HF60KD Datasheet HTML 8Page - STMicroelectronics STGP10HF60KD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STGx10HF60KD
Electrical ratings
Doc ID 16136 Rev 2
3/13
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
D²PAK, TO-220
TO-220FP
VCES
Collector-emitter voltage (VGE = 0)
600
V
IC
(1)
Collector current (continuous) at TC = 25 °C
20
9
A
IC
(1)
Collector current (continuous) at TC = 100 °C
10
6
A
ICL
(2)
Turn-off latching current
TBD
A
ICP
(3)
Pulsed collector current
TBD
A
VGE
Gate-emitter voltage
±20
V
IF
Diode RMS forward current at TC = 25 °C
10
A
IFSM
Surge non repetitive forward current tp = 10 ms
sinusoidal
20
A
VISO
Isolations withstand voltage (RMS) from all three
leads to external heat sink (t=1 s; TC = 25 °C)
-
2500
V
PTOT
Total dissipation at TC = 25 °C
80
30
W
tscw
Short-circuit withstand time, VCE = 0.5V(BR)CES,
TC = 125 °C, RG = 10 Ω, VGE = 12 V
5µs
Tj
Operating junction temperature
– 40 to 175
°C
1.
Calculated according to the iterative formula:
2.
Vclamp = 80% of VCES, Tj =175 °C, RG=10 Ω, VGE=15 V
3.
Pulse width limited by maximum junction temperature and turn-off within RBSOA
I
C TC
()
T
jmax
() TC
–
R
thj
c
–
V
CE sat
() max
() Tjmax
() IC TC
()
,
()
×
-------------------------------------------------------------------------------------------------------
=
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
D²PAK
TO-220
TO-220FP
Rthj-case Thermal resistance junction-case IGBT
1.8
5
°C/W
Rthj-case Thermal resistance junction-case diode
4
7
°C/W
Rthj-amb Thermal resistance junction-ambient
62.5
62.5
°C/W
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com