Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GW60V60DF Datasheet(PDF) 5 Page - STMicroelectronics

Part # GW60V60DF
Description  Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GW60V60DF Datasheet(HTML) 5 Page - STMicroelectronics

  GW60V60DF Datasheet HTML 1Page - STMicroelectronics GW60V60DF Datasheet HTML 2Page - STMicroelectronics GW60V60DF Datasheet HTML 3Page - STMicroelectronics GW60V60DF Datasheet HTML 4Page - STMicroelectronics GW60V60DF Datasheet HTML 5Page - STMicroelectronics GW60V60DF Datasheet HTML 6Page - STMicroelectronics GW60V60DF Datasheet HTML 7Page - STMicroelectronics GW60V60DF Datasheet HTML 8Page - STMicroelectronics GW60V60DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DocID024154 Rev 7
5/20
STGW60V60DF, STGWA60V60DF, STGWT60V60DF
Electrical characteristics
Table 6. IGBT switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VCE = 400 V, IC = 60 A,
RG = 4.7 Ω, VGE = 15 V,
see Figure 28
-60
-
ns
tr
Current rise time
-
20
-
ns
(di/dt)on
Turn-on current slope
-
2365
-
A/µs
td(off)
Turn-off delay time
-
208
-
ns
tf
Current fall time
-
14
-
ns
Eon
(1)
1.
Including the reverse recovery of the diode.
Turn-on switching energy
-
0.75
-
mJ
Eoff
(2)
2.
Including the tail of the collector current.
Turn-off switching energy
-
0.55
-
mJ
Ets
Total switching energy
-
1.3
-
mJ
td(on)
Turn-on delay time
VCE = 400 V, IC = 60 A,
RG = 4.7 Ω, VGE = 15 V,
TJ = 175 °C, see Figure 28
-57
-
ns
tr
Current rise time
-
23
-
ns
(di/dt)on
Turn-on current slope
-
2191
-
A/µs
td(off)
Turn-off delay time
-
216
-
ns
tf
Current fall time
-
27
-
ns
Eon
(1)
Turn-on switching energy
-
1.5
-
mJ
Eoff
(2)
Turn-off switching energy
-
0.8
-
mJ
Ets
Total switching energy
-
2.3
-
mJ
Table 7. Diode switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
IF = 60 A, VR = 400 V,
VGE = 15 V,
diF/dt = 1000 A/µs
see Figure 28
-74
-
ns
Qrr
Reverse recovery charge
-
703
-
nC
Irrm
Reverse recovery current
-
19
-
A
dIrr/ /dt
Peak rate of fall of reverse
recovery current during tb
-
714
-
A/µs
Err
Reverse recovery energy
-
184
-
µJ
trr
Reverse recovery time
IF = 60 A, VR = 400 V,
VGE = 15 V
diF/dt = 1000 A/µs
TJ = 175 °C, see Figure 28
-
131
-
ns
Qrr
Reverse recovery charge
-
2816
-
nC
Irrm
Reverse recovery current
-
43
-
A
dIrr/ /dt
Peak rate of fall of reverse
recovery current during tb
-
404
-
A/µs
Err
Reverse recovery energy
-
821
-
µJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com