Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STK24N4LLF5 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STK24N4LLF5
Description  N-channel 40 V, 0.0046 Ω, 24 A, PolarPAK® STripFET™ V Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK24N4LLF5 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STK24N4LLF5 Datasheet HTML 4Page - STMicroelectronics STK24N4LLF5 Datasheet HTML 5Page - STMicroelectronics STK24N4LLF5 Datasheet HTML 6Page - STMicroelectronics STK24N4LLF5 Datasheet HTML 7Page - STMicroelectronics STK24N4LLF5 Datasheet HTML 8Page - STMicroelectronics STK24N4LLF5 Datasheet HTML 9Page - STMicroelectronics STK24N4LLF5 Datasheet HTML 10Page - STMicroelectronics STK24N4LLF5 Datasheet HTML 11Page - STMicroelectronics STK24N4LLF5 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Package mechanical data
STK24N4LLF5
10/12
Figure 9.
PolarPAK
® option “S” drawing
7876111_Rev_D
BOTTOM VIEW
(10x)
1
2
3
4
5
67
8
910
D
SS
GD
D
SS
GD
H1
b1
H2
b2
H3
b3
H4
b1
b5
b4
P1
K1
K4
TOP VIEW
C
SEATING PLANE
c
5
D
4
3
SS
21
GD
6
D
7
S
8
S
10
9
GD
E1
E
A1
A
D1
D
M2
M1
M4
M3
T5
T4 T1
T3
T2
(4x)
<
FOOTPRINT RECOMMENDED
DIMENSIONS IN MILLIMETERS
0.68
2.39
0.61
0.68
5.31
5.48
0.41
0.31
0.41
D
S
GD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com