Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H745II Datasheet(PDF) 58 Page - STMicroelectronics

Part # STM32H745II
Description  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs,up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H745II Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STM32H745II Datasheet HTML 54Page - STMicroelectronics STM32H745II Datasheet HTML 55Page - STMicroelectronics STM32H745II Datasheet HTML 56Page - STMicroelectronics STM32H745II Datasheet HTML 57Page - STMicroelectronics STM32H745II Datasheet HTML 58Page - STMicroelectronics STM32H745II Datasheet HTML 59Page - STMicroelectronics STM32H745II Datasheet HTML 60Page - STMicroelectronics STM32H745II Datasheet HTML 61Page - STMicroelectronics STM32H745II Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 252 page
background image
Pin descriptions
STM32H745xI/G
58/252
DS12923 Rev 1
Figure 9. LQFP208 pinout
1. The above figure shows the package top view.
MSv43753V3
PE2
1
156
PH13
PE3
2
155
VDD
PE4
3
154
VDDLDO
PE5
4
153
VSS
PE6
5
152
VCAP
VSS
6
151
PA13
VDD
7
150
PA12
VBAT
8
149
PA11
PI8
9
148
PA10
PC13
10
147
PA9
PC14-OSC32_IN
11
146
PA8
PC15-OSC32_OUT
12
145
PC9
PI9
13
144
PC8
PI10
14
143
PC7
PI11
15
142
PC6
VSS
16
141
VDD33USB
VDD
17
140
VDD50USB
VSSSMPS
18
139
VSS
VLXSMPS
19
138
PG8
VDDSMPS
20
137
PG7
VFBSMPS
21
136
PG6
PF0
22
135
PG5
PF1
23
134
PG4
PF2
24
133
VDD
PF3
25
208-pins
132
VSS
PF4
26
131
PG3
PF5
27
130
PG2
VSS
28
129
PK2
VDD
29
128
PK1
PF6
30
127
PK0
PF7
31
126
VSS
PF8
32
125
VDD
PF9
33
124
PJ11
PF10
34
123
PJ10
PH0-OSC_IN
35
122
PJ9
PH1-OSC_OUT
36
121
PJ8
NRST
37
120
VSS
PC0
38
119
VDD
PC1
39
118
PJ7
PC2_C
40
117
PJ6
PC3_C
41
116
PD15
VSSA
42
115
PD14
VREF+
43
114
VDD
VDDA
44
113
VSS
PA0
45
112
PD13
PA1
46
111
PD12
PA2
47
110
PD11
PH2
48
109
VSS
VDD
49
108
VDD
VSS
50
107
PD10
PH3
51
106
PD9
PH4
52
105
PD8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com