Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L082CZU6DTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32L082CZU6DTR
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs, AES
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L082CZU6DTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32L082CZU6DTR Datasheet HTML 7Page - STMicroelectronics STM32L082CZU6DTR Datasheet HTML 8Page - STMicroelectronics STM32L082CZU6DTR Datasheet HTML 9Page - STMicroelectronics STM32L082CZU6DTR Datasheet HTML 10Page - STMicroelectronics STM32L082CZU6DTR Datasheet HTML 11Page - STMicroelectronics STM32L082CZU6DTR Datasheet HTML 12Page - STMicroelectronics STM32L082CZU6DTR Datasheet HTML 13Page - STMicroelectronics STM32L082CZU6DTR Datasheet HTML 14Page - STMicroelectronics STM32L082CZU6DTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 132 page
background image
DS10688 Rev 7
11/132
STM32L082xx
Description
36
2.1
Device overview
Table 1. Ultra-low-power STM32L082xx device features and peripheral counts
Peripheral
STM32L082KB
STM32L082KZ
STM32L082CZ
Flash (Kbytes)
128 Kbytes
192 Kbytes
Data EEPROM (Kbytes)
6 Kbytes
RAM (Kbytes)
20 Kbytes
AES
1
Timers
General-purpose
4
Basic
2
LPTIMER
1
RTC/SYSTICK/IWDG/WWDG
1/1/1/1
Communication
interfaces
SPI/I2S
4(3)(1)/0
6(4)(2)/1
I2C
23
USART
4(3)
4
LPUART
1
USB/(VDD_USB)
1/(0)(3)
1/(1)
GPIOs
25(3)
40
Clocks: HSE/LSE/HSI/MSI/LSI
0/1/1/1/1
1/1/1/1/1
12-bit synchronized ADC
Number of channels
1
10
1
13
12-bit DAC
Number of channels
2
2
Comparators
2
Capacitive sensing channels
13(3)
19
Max. CPU frequency
32 MHz
Operating voltage
1.8 V to 3.6 V (down to 1.65 V at power-down) with BOR option
1.65 to 3.6 V without BOR option
Operating temperatures
Ambient temperature: –40 to +125 °C
Junction temperature: –40 to +130 °C
Packages
UFQFPN32, LQFP32
WLCSP49,
UFQFPN48
1. 3 SPI interfaces are USARTs operating in SPI master mode.
2. 4 SPI interfaces are USARTs operating in SPI master mode.
3. UFQFP32 has 2 GPIOs, 1 UART and 1 capacitive sensing channel less that LQFP32. However, UFQFP32 features a
VDD_USB pin while LQPF32 does not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com