Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H745IIH3TR Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM32H745IIH3TR
Description  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs,up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H745IIH3TR Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32H745IIH3TR Datasheet HTML 67Page - STMicroelectronics STM32H745IIH3TR Datasheet HTML 68Page - STMicroelectronics STM32H745IIH3TR Datasheet HTML 69Page - STMicroelectronics STM32H745IIH3TR Datasheet HTML 70Page - STMicroelectronics STM32H745IIH3TR Datasheet HTML 71Page - STMicroelectronics STM32H745IIH3TR Datasheet HTML 72Page - STMicroelectronics STM32H745IIH3TR Datasheet HTML 73Page - STMicroelectronics STM32H745IIH3TR Datasheet HTML 74Page - STMicroelectronics STM32H745IIH3TR Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 252 page
background image
DS12923 Rev 1
71/252
STM32H745xI/G
Pin descriptions
104
67
P10
79
88
P12
PB11
I/O
FT_f
-
TIM2_CH4,
HRTIM_SCIN,
LPTIM2_ETR,
I2C2_SDA,
DFSDM1_CKIN7,
USART3_RX,
OTG_HS_ULPI_D4,
ETH_MII_TX_EN/ETH_R
MII_TX_EN, LCD_G5,
EVENTOUT
-
68
R13
80
89
U11
VCAP
S
-
-
-
-
69
M10
81
90
-
VSS
S
-
-
-
-
70
R14
82
91
U12
VDDLDO
S
-
-
-
-
71
-
-
-
L13
VDD
S
-
-
-
-
-
-
-
-
R12
PJ5
I/O
FT
-
LCD_R6, EVENTOUT
-
-P15
-
92
T11
PH6
I/O
FT
-
TIM12_CH1,
I2C2_SMBA, SPI5_SCK,
ETH_MII_RXD2,
FMC_SDNE1, DCMI_D8,
EVENTOUT
-
-M11
-
93
U13
PH7
I/O
FT_f
a
-
I2C3_SCL, SPI5_MISO,
ETH_MII_RXD3,
FMC_SDCKE1,
DCMI_D9, EVENTOUT
-
-
N13
-
94
T13
PH8
I/O
FT_f
ha
-
TIM5_ETR, I2C3_SDA,
FMC_D16,
DCMI_HSYNC, LCD_R2,
EVENTOUT
-
-
G9
---
VSS
S
-
-
-
-
--
-
-
M13VDD
S
-
-
-
-
-
M14
-
95
R13
PH9
I/O
FT_
h
-
TIM12_CH2,
I2C3_SMBA, FMC_D17,
DCMI_D0, LCD_R3,
EVENTOUT
-
-
N14
-
96
P13
PH10
I/O
FT_
h
-
TIM5_CH1, I2C4_SMBA,
FMC_D18, DCMI_D1,
LCD_R4, EVENTOUT
-
Table 8. STM32H745xI/G pin/ball definition (continued)
Pin/ball name
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com