Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L082KBU7DTR Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM32L082KBU7DTR
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs, AES
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L082KBU7DTR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM32L082KBU7DTR Datasheet HTML 35Page - STMicroelectronics STM32L082KBU7DTR Datasheet HTML 36Page - STMicroelectronics STM32L082KBU7DTR Datasheet HTML 37Page - STMicroelectronics STM32L082KBU7DTR Datasheet HTML 38Page - STMicroelectronics STM32L082KBU7DTR Datasheet HTML 39Page - STMicroelectronics STM32L082KBU7DTR Datasheet HTML 40Page - STMicroelectronics STM32L082KBU7DTR Datasheet HTML 41Page - STMicroelectronics STM32L082KBU7DTR Datasheet HTML 42Page - STMicroelectronics STM32L082KBU7DTR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 132 page
background image
DS10688 Rev 7
39/132
STM32L082xx
Pin descriptions
47
Table 14. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function during and
after reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
I/O structure
FT
5 V tolerant I/O
FTf
5 V tolerant I/O, FM+ capable
TC
Standard 3.3V I/O
B
Dedicated BOOT0 pin
RST
Bidirectional reset pin with embedded weak pull-up resistor
Notes
Unless otherwise specified by a note, all I/Os are set as floating inputs during and after
reset.
Pin functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
Table 15. STM32L082xx pin definition
Pin number
Pin name
(function
after reset)
Alternate functions
Additional functions
1-
1
B6
VDD
S
-
-
-
-
-
2
B7
PC13
I/O
FT
-
-
RTC_TAMP1/RTC_TS/
RTC_OUT/WKUP2
21
3
C6
PC14-
OSC32_IN
(PC14)
I/O
FT
-
-
OSC32_IN
32
4
C7
PC15-
OSC32_OUT
(PC15)
I/O
TC
-
-
OSC32_OUT
--
5
D6
PH0-OSC_IN
(PH0)
I/O
TC
-
USB_CRS_SYNC
OSC_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com