Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L062C8F3DTR Datasheet(PDF) 118 Page - STMicroelectronics

Part # STM32L062C8F3DTR
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 64 KB Flash,8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC, AES
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L062C8F3DTR Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STM32L062C8F3DTR Datasheet HTML 114Page - STMicroelectronics STM32L062C8F3DTR Datasheet HTML 115Page - STMicroelectronics STM32L062C8F3DTR Datasheet HTML 116Page - STMicroelectronics STM32L062C8F3DTR Datasheet HTML 117Page - STMicroelectronics STM32L062C8F3DTR Datasheet HTML 118Page - STMicroelectronics STM32L062C8F3DTR Datasheet HTML 119Page - STMicroelectronics STM32L062C8F3DTR Datasheet HTML 120Page - STMicroelectronics STM32L062C8F3DTR Datasheet HTML 121Page - STMicroelectronics STM32L062C8F3DTR Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 124 page
background image
Revision history
STM32L062x8
118/124
DS10183 Rev 11
9
Revision history
Table 79. Document revision history
Date
Revision
Changes
19-
Feb-
2014
1
Initial release.
29-Apr-
2014
2
HSE clock removed in the whole document.
Updated Table 2: Functionalities depending on the operating power supply
range. Added Section 3.2: Interconnect matrix.
Replaced TTa I/O structure by TC, updated PA0/4/5, PC14, BOOT0 and NRST
I/O structure, and added note 2 in Table 15: STM32L062x8 pin definitions.
Updated Table 18: Voltage characteristics and Table 19: Current
characteristics.
Updated Table 25: Current consumption in Run mode, code with data
processing running from Flash and Table 26: Current consumption in Run
mode, code with data processing running from RAM, Table 27: Current
consumption in Sleep mode, Table 28: Current consumption in Low-power run
mode, Table 29: Current consumption in Low-power sleep mode, Table 30:
Typical and maximum current consumptions in Stop mode and Table 31:
Typical and maximum current consumptions in Standby mode. Added
Figure 11: IDD vs VDD, at TA= 25/55/85/105 °C, Run mode, code running from
Flash memory, Range 2, HSE, 1WS, Figure 12: IDD vs VDD, at TA=
25/55/85/105 °C, Run mode, code running from Flash memory, Range 2,
HSI16, 1WS, Figure 13: IDD vs VDD, at TA= 25/55/ 85/105/125 °C, Low-power
run mode, code running from RAM, Range 3, MSI (Range 0) at 64 KHz, 0 WS
and Figure 14: IDD vs VDD, at TA= 25/55/ 85/105/125 °C, Stop mode with RTC
enabled and running on LSE Low drive.
Updated Table 37: LSE oscillator characteristics. Added Figure 18: HSI16
minimum and maximum value versus temperature.
Updated Table 48: ESD absolute maximum ratings, Table 50: I/O current
injection susceptibility and Table 51: I/O static characteristics, and added
Figure 19: VIH/VIL versus VDD (CMOS I/Os) and Figure 20: VIH/VIL versus
VDD (TTL I/Os). Updated Table 52: Output voltage characteristics, Table 53:
I/O AC characteristics and Figure 21: I/O AC characteristics definition.
Updated Table 55: ADC characteristics, Table 57: ADC accuracy, and
Figure 24: Typical connection diagram using the ADC. Updated Table 60:
Temperature sensor characteristics.
Updated Table 66: SPI characteristics and Table 69: I2S characteristics.
Added Figure 45: Thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com