Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151C8U6ADTR Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM32L151C8U6ADTR
Description  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C8U6ADTR Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32L151C8U6ADTR Datasheet HTML 60Page - STMicroelectronics STM32L151C8U6ADTR Datasheet HTML 61Page - STMicroelectronics STM32L151C8U6ADTR Datasheet HTML 62Page - STMicroelectronics STM32L151C8U6ADTR Datasheet HTML 63Page - STMicroelectronics STM32L151C8U6ADTR Datasheet HTML 64Page - STMicroelectronics STM32L151C8U6ADTR Datasheet HTML 65Page - STMicroelectronics STM32L151C8U6ADTR Datasheet HTML 66Page - STMicroelectronics STM32L151C8U6ADTR Datasheet HTML 67Page - STMicroelectronics STM32L151C8U6ADTR Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 129 page
background image
Electrical characteristics
STM32L151x6/8/B-A STM32L152x6/8/B-A
64/129
DocID024330 Rev 4
Table 21. Current consumption in Low-power run mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
IDD
(LP Run)
Supply
current in
Low-power
run mode
All peripherals
OFF, code
executed from
RAM, Flash
switched OFF,
VDD from
1.65 V to 3.6 V
MSI clock, 65 kHz
fHCLK = 32 kHz
TA = -40 °C to 25 °C 10.9
12
µA
TA = 85 °C
16.5
23
TA = 105 °C
26
47
MSI clock, 65 kHz
fHCLK = 65 kHz
TA = -40 °C to 25 °C
15
16
TA = 85 °C
22
29
TA = 105 °C
32
51
MSI clock, 131 kHz
fHCLK = 131 kHz
TA = -40 °C to 25 °C
29
37
TA = 55 °C
32.5
40
TA = 85 °C
35.5
54
TA = 105 °C
45
65
All peripherals
OFF, code
executed from
Flash, VDD from
1.65 V to 3.6 V
MSI clock, 65 kHz
fHCLK = 32 kHz
TA = -40 °C to 25 °C
23
24
TA = 85 °C
31
34
TA = 105 °C
42.5
56
MSI clock, 65 kHz
fHCLK = 65 kHz
TA = -40 °C to 25 °C
29
31
TA = 85 °C
38
41
TA = 105 °C
49
63
MSI clock, 131 kHz
fHCLK = 131 kHz
TA = -40 °C to 25 °C
46
55
TA = 55 °C
48
59
TA = 85 °C
53.5
72
TA = 105 °C
64.8
84
IDD Max
(LP Run)(2)
Max allowed
current in
Low-power
run mode
VDD from
1.65 V to 3.6 V
--
-
200
1. Guaranteed by characterization results, unless otherwise specified.
2. This limitation is related to the consumption of the CPU core and the peripherals that are powered by the regulator.
Consumption of the I/Os is not included in this limitation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com