Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3LIH Datasheet(PDF) 32 Page - STMicroelectronics

Part # STM32H7A3LIH
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3LIH Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM32H7A3LIH Datasheet HTML 28Page - STMicroelectronics STM32H7A3LIH Datasheet HTML 29Page - STMicroelectronics STM32H7A3LIH Datasheet HTML 30Page - STMicroelectronics STM32H7A3LIH Datasheet HTML 31Page - STMicroelectronics STM32H7A3LIH Datasheet HTML 32Page - STMicroelectronics STM32H7A3LIH Datasheet HTML 33Page - STMicroelectronics STM32H7A3LIH Datasheet HTML 34Page - STMicroelectronics STM32H7A3LIH Datasheet HTML 35Page - STMicroelectronics STM32H7A3LIH Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 237 page
background image
Both interfaces support the SD memory card specifications version 4.1. and the SDIO card specification version
4.0. in two different databus modes: 1 bit (default) and 4 bits.
Each SDMMC host interface supports only one SD/SDIO/MMC card at any one time and a stack of MMC Version
4.51 or previous.
The SDMMC host interface embeds a dedicated DMA controller allowing high-speed transfers between the
interface and the SRAM.
3.44
Controller area network (FDCAN1, FDCAN2)
The controller area network (CAN) subsystem consists of two CAN modules, a shared message RAM memory
and a clock calibration unit.
Both CAN modules (FDCAN1 and FDCAN2) are compliant with ISO 11898-1 (CAN protocol specification version
2.0 part A, B) and CAN FD protocol specification version 1.0.
FDCAN1 supports time triggered CAN (TTCAN) specified in ISO 11898-4, including event synchronized
time-triggered communication, global system time, and clock drift compensation. FDCAN1 contains additional
registers, specific to the time triggered feature. The CAN FD option can be used together with event-triggered and
time-triggered CAN communication.
A 10 Kbyte message RAM memory implements filters, receive FIFOs, receive buffers, transmit event FIFOs,
transmit buffers (and triggers for TTCAN). This message RAM is shared between the two FDCAN1 and FDCAN2
modules.
The common clock calibration unit is optional. It can be used to generate a calibrated clock for both FDCAN1 and
FDCAN2 from the HSI internal RC oscillator and the PLL, by evaluating CAN messages received by the FDCAN1.
3.45
Universal serial bus on-the-go high-speed (OTG_HS)
The devices embed an USB OTG high-speed (up to 480 Mbit/s) device/host/OTG peripheral that supports both
full-speed and high-speed operations. It integrates the transceivers for full-speed operation (12 Mbit/s) and a
UTMI low-pin interface (ULPI) for high-speed operation (480 Mbit/s). When using the USB OTG_HS interface in
HS mode, an external PHY device connected to the ULPI is required.
The USB OTG_HS peripheral is compliant with the USB 2.0 specification and with the OTG 2.0 specification.
It features software-configurable endpoint setting and supports suspend/resume. The USB OTG_HS controller
requires a dedicated 48 MHz clock that is generated by a PLL connected to the HSE oscillator.
The main features are:
•
Combined Rx and Tx FIFO size of 4 Kbytes with dynamic FIFO sizing
•
Supports the session request protocol (SRP) and host negotiation protocol (HNP)
•
8 bidirectional endpoints
•
16 host channels with periodic OUT support
•
Software configurable to OTG1.3 and OTG2.0 modes of operation
•
USB 2.0 LPM (Link Power Management) support
•
Battery Charging Specification Revision 1.2 support
•
Internal FS OTG PHY support
•
External HS or HS OTG operation supporting ULPI in SDR mode
The OTG PHY is connected to the microcontroller ULPI port through 12 signals. It can be clocked using the
60 MHz output.
•
Internal USB DMA
•
HNP/SNP/IP inside (no need for any external resistor)
•
For OTG/Host modes, a power switch is needed in case bus-powered devices are connected
3.46
High-definition multimedia interface (HDMI) - consumer electronics control
(CEC)
The device embeds a HDMI-CEC controller that provides hardware support for the consumer electronics control
(CEC) protocol (supplement 1 to the HDMI standard).
This protocol provides high-level control functions between all audiovisual products in an environment. It is
specified to operate at low speeds with minimum processing and memory overhead. It has a clock domain
independent from the CPU clock, allowing the HDMI-CEC controller to wake up the MCU from Stop mode on data
reception.
STM32H7A3xI/G
Controller area network (FDCAN1, FDCAN2)
DS13195 - Rev 8
page 32/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com