Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3LGH Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM32H7A3LGH
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3LGH Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32H7A3LGH Datasheet HTML 17Page - STMicroelectronics STM32H7A3LGH Datasheet HTML 18Page - STMicroelectronics STM32H7A3LGH Datasheet HTML 19Page - STMicroelectronics STM32H7A3LGH Datasheet HTML 20Page - STMicroelectronics STM32H7A3LGH Datasheet HTML 21Page - STMicroelectronics STM32H7A3LGH Datasheet HTML 22Page - STMicroelectronics STM32H7A3LGH Datasheet HTML 23Page - STMicroelectronics STM32H7A3LGH Datasheet HTML 24Page - STMicroelectronics STM32H7A3LGH Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 237 page
background image
3.18
Analog-to-digital converters (ADCs)
The STM32H7A3xI/G devices embed two analog-to-digital converters, whose resolution can be configured to 16,
14, 12, 10 or 8 bits. Each ADC shares up to 24 external channels, performing conversions in the single-shot or
scan mode. In scan mode, automatic conversion is performed on a selected group of analog inputs.
Additional logic functions embedded in the ADC interface allow:
•
Simultaneous sample and hold
•
Interleaved sample and hold
The ADC can be served by the DMA controller, thus allowing to automatically transfer ADC converted values to a
destination location without any software action.
In addition, an analog watchdog feature can accurately monitor the converted voltage of one, some or all selected
channels. An interrupt is generated when the converted voltage is outside the programmed thresholds.
To synchronize A/D conversion and timers, the ADCs could be triggered by any of TIM1, TIM2, TIM3, TIM4, TIM6,
TIM8, TIM15, and LPTIM1 timers.
3.19
Analog temperature sensor
The STM32H7A3xI/G embeds an analog temperature sensor that generates a voltage (VTS) that varies linearly
with the temperature. This temperature sensor is internally connected to ADC2_IN18. The conversion range is
between 1.7 V and 3.6 V. It can measure the device junction temperature ranging from −40 to +125 °C.
The temperature sensor have a good linearity, but it has to be calibrated to obtain a good overall accuracy of the
temperature measurement. As the temperature sensor offset varies from chip to chip due to process variation,
the uncalibrated internal temperature sensor is suitable for applications that detect temperature changes only.
To improve the accuracy of the temperature sensor measurement, each device is individually factory-calibrated
by ST. The temperature sensor factory calibration data are stored by ST in the System memory area, which is
accessible in read-only mode.
3.20
Digital temperature sensor (DTS)
The STM32H7A3xI/G embeds a sensor that converts the temperature into a square wave which frequency
is proportional to the temperature. The PCLK or the LSE clock can be used as reference clock for the
measurements. A formula given in the product reference manual (RM0455) allows to calculate the temperature
according to the measured frequency stored in the DTS_DR register.
3.21
VBAT operation
The VBAT power domain contains the RTC, the backup registers and the backup SRAM.
To optimize battery duration, this power domain is supplied by VDD when available or by the voltage applied on
VBAT pin (when VDD supply is not present). VBAT power is switched when the PDR detects that VDD dropped
below the PDR level.
The voltage on the VBAT pin could be provided by an external battery, a supercapacitor or directly by VDD, in
which case, the VDD mode is not functional.
VBAT operation is activated when VDD is not present.
The VBAT pin supplies the RTC, the backup registers and the backup SRAM.
The devices embed an internal VBAT battery charging circuitry that can be activated when VDD is present.
Note:
When the microcontroller is supplied from VBAT, external interrupts and RTC alarm/events do not exit it from
VBAT operation.
When PDR_ON pin is connected to VSS (Internal Reset OFF), the VBAT functionality is no more available and
VBAT pin should be connected to VDD.
3.22
Digital-to-analog converters (DAC)
The devices features one dual-channel DAC (DAC1), located in the CD domain, plus one single-channel DAC
(DAC2), located in the SRD domain.
The three 12-bit buffered DAC channels can be used to convert three digital signals into three analog voltage
signal outputs.
The following feature are supported:
STM32H7A3xI/G
Analog-to-digital converters (ADCs)
DS13195 - Rev 8
page 21/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com