Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108HB Datasheet(PDF) 179 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 179 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 175Page - STMicroelectronics STM32W108HB Datasheet HTML 176Page - STMicroelectronics STM32W108HB Datasheet HTML 177Page - STMicroelectronics STM32W108HB Datasheet HTML 178Page - STMicroelectronics STM32W108HB Datasheet HTML 179Page - STMicroelectronics STM32W108HB Datasheet HTML 180Page - STMicroelectronics STM32W108HB Datasheet HTML 181Page - STMicroelectronics STM32W108HB Datasheet HTML 182Page - STMicroelectronics STM32W108HB Datasheet HTML 183Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
General-purpose timers
Doc ID 16252 Rev 14
179/278
Counting on
TI1 only
Counting on
TI2 only
Counting on
TI1 and TI2
An external incremental encoder can be connected directly to the MCU without external
interface logic. However, comparators are normally used to convert an encoder's differential
outputs to digital signals, and this greatly increases noise immunity. If a third encoder output
indicates the mechanical zero (or index) position, it may be connected to an external
interrupt input and can trigger a counter reset.
Figure 39 gives an example of counter operation, showing count signal generation and
direction control. It also shows how input jitter is compensated for when both inputs are used
for counting. This might occur if the sensor is positioned near one of the switching points.
This example assumes the following configuration:
●
CC1S = 01 (TIMx_CCMR1 register, IC1FP1 mapped on TI1).
●
CC2S = 01 (TIMx_CCMR2 register, IC2FP2 mapped on TI2).
●
CC1P = 0 (TIMx_CCER register, IC1FP1 non-inverted, IC1FP1 = TI1).
●
CC2P = 0 (TIMx_CCER register, IC2FP2 non-inverted, IC2FP2 = TI2).
●
SMS = 011 (TIMx_SMCR register, both inputs are active on both rising and falling
edges).
●
CEN = 1 (TIMx_CR1 register, counter is enabled).
Figure 39.
Example of counter operation in encoder interface mode
Table 34.
Counting direction versus encoder signals
Active
edges
Level on opposite
signal (TI1FP1 for
TI2, TI2FP2 for
TI1)
TI1FP1 signal
TI2FP2 signal
Rising
Falling
Rising
Falling
High
Down
Up
No Count
No Count
Low
Up
Down
No Count
No Count
High
No Count
No Count
Up
Down
Low
No Count
No Count
Down
Up
High
Down
Up
Up
Down
Low
Up
Down
Down
Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com