Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108HB Datasheet(PDF) 180 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 180 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 176Page - STMicroelectronics STM32W108HB Datasheet HTML 177Page - STMicroelectronics STM32W108HB Datasheet HTML 178Page - STMicroelectronics STM32W108HB Datasheet HTML 179Page - STMicroelectronics STM32W108HB Datasheet HTML 180Page - STMicroelectronics STM32W108HB Datasheet HTML 181Page - STMicroelectronics STM32W108HB Datasheet HTML 182Page - STMicroelectronics STM32W108HB Datasheet HTML 183Page - STMicroelectronics STM32W108HB Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 278 page
background image
General-purpose timers
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
180/278
Doc ID 16252 Rev 14
Figure 40 gives an example of counter behavior when IC1FP1 polarity is inverted (same
configuration as above except CC1P = 1).
Figure 40.
Example of encoder interface mode with IC1FP1 polarity inverted
The timer configured in encoder interface mode provides information on a sensor's current
position. To obtain dynamic information (speed, acceleration/deceleration), measure the
period between two encoder events using a second timer configured in capture mode. The
output of the encoder that indicates the mechanical zero can be used for this purpose.
Depending on the time between two events, the counter can also be read at regular times.
Do this by latching the counter value into a third input capture register. (In this case the
capture signal must be periodic and can be generated by another timer).
10.1.12
Timer input XOR function
The TI1S bit in the TIM1_CR2 register allows the input filter of channel 1 to be connected to
the output of a XOR gate that combines the three input pins TIMxC2 to TIMxC4.
The XOR output can be used with all the timer input functions such as trigger or input
capture. It is especially useful to interface to Hall effect sensors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com