Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108HB Datasheet(PDF) 249 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 249 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 245Page - STMicroelectronics STM32W108HB Datasheet HTML 246Page - STMicroelectronics STM32W108HB Datasheet HTML 247Page - STMicroelectronics STM32W108HB Datasheet HTML 248Page - STMicroelectronics STM32W108HB Datasheet HTML 249Page - STMicroelectronics STM32W108HB Datasheet HTML 250Page - STMicroelectronics STM32W108HB Datasheet HTML 251Page - STMicroelectronics STM32W108HB Datasheet HTML 252Page - STMicroelectronics STM32W108HB Datasheet HTML 253Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
Electrical characteristics
Doc ID 16252 Rev 14
249/278
Table 57 describes the key ADC parameters measured at 25°C and VDD_PADS at 3.0 V, for
a sampling rate of 6 MHz. HVSELP and HVSELN are programmed to 0 to disable the input
buffer. The single-ended measurements were done at finput = 7.7% fNyquist; 0 dBFS level
(where full-scale is a 1.2 V p-p swing). The differential measurements were done at finput =
7.7% fNyquist; -6 dBFS level (where full-scale is a 2.4 V p-p swing) and a common mode
voltage of 0.6 V.
SMP[2:0]
Conversion Time (µs)
Nyquist Freq (kHz)
3 dB Cut-off (kHz)
INL (codes peak)
INL (codes RMS)
DNL (codes peak)
DNL (codes RMS)
ENOB (from single-cycle test)
SNR (dB)
SINAD (dB)
SDFR (dB)
THD (dB)
ENOB (from SNR)
ENOB (from SINAD)
Equivalent ADC Bits
Table 57.
ADC module key parameters for input buffer disabled
and 6 MHz sampling(1)
1.
INL and DNL are referenced to a LSB of the Equivalent ADC Bits shown in the last row of Table 57. ENOB
(effective number of bits) can be calculated from either SNR (signal to non-harmonic noise ratio) or SINAD
(signal-to-noise and distortion ratio).
Parameter
Performance
0
1
23
45
6
7
5.33
10.7
21.3
42.7
85.3
171
341
683
93.8
46.9
23.4
11.7
5.86
2.93
1.47
0.732
56.6
28.3
14.1
7.07
3.54
1.77
0.884
0.442
0.084
0.084
0.15
0.274
0.518
1.057
2.106
4.174
0.046
0.044
0.076
0.147
0.292
0.58
1.14
2.352
0.026
0.023
0.044
0.052
0.096
0.119
0.196
0.371
0.007
0.009
0.013
0.015
0.024
0.03
0.05
0.082
5.6
7.0
8.5
10.0
11.4
12.6
13.1
13.2
Single-Ended
Differential
35
35
44
44
53
53
62
62
70
71
75
77
76
79
77
80
Single-Ended
Differential
35
35
44
44
53
53
62
62
68
70
71
75
71
77
71
77
Single-Ended
Differential
60
60
68
69
75
77
75
80
75
80
75
80
75
80
75
80
Single-Ended
Differential
-45
-45
-54
-54
-63
-63
-68
-71
-70
-76
-70
-77
-70
-78
-70
-78
Single-Ended
Differential
5.6
5.6
7.1
7.1
8.6
8.6
10.0
10.1
11.4
11.5
12.1
12.5
12.4
12.9
12.5
13.0
Single-Ended
Differential
5.5
5.6
7.0
7.1
8.5
8.6
9.9
10.1
11.0
11.4
11.4
12.4
11.5
12.8
11.5
13.0
5
[15:11]
6
[15:10]
7
[15:9]
8
[15:8]
9
[15:7]
10
[15:6]
11
[15:5]
12
[15:4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com