Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108HB Datasheet(PDF) 253 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 253 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 249Page - STMicroelectronics STM32W108HB Datasheet HTML 250Page - STMicroelectronics STM32W108HB Datasheet HTML 251Page - STMicroelectronics STM32W108HB Datasheet HTML 252Page - STMicroelectronics STM32W108HB Datasheet HTML 253Page - STMicroelectronics STM32W108HB Datasheet HTML 254Page - STMicroelectronics STM32W108HB Datasheet HTML 255Page - STMicroelectronics STM32W108HB Datasheet HTML 256Page - STMicroelectronics STM32W108HB Datasheet HTML 257Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
Electrical characteristics
Doc ID 16252 Rev 14
253/278
14.6.3
Low frequency internal clock characteristics
Nominal Frequency
After trimming
Analog trim step size
Supply dependence
For a voltage drop from 3.6 V
to 3.1 V or 2.6 V to 2.1 V
(without re-calibration)
Frequency dependence
Frequency variation with
temperature for a change
from -40 oC to +85oC
(without re-calibration)
14.6.4
Low frequency external clock characteristics
Frequency
Accuracy
Initial, temperature, and
ageing
Load cap xin
Load cap xout
Crystal ESR
Start-up time
Current consumption
At 25°C, VDD_PADS = 3.0 V
Table 62.
Low-frequency RC oscillator characteristics
Parameter
Test conditions
Min.
Typ.
Max.
Unit
910
11
kHz
–
–1–
kHz
––1
%
–2–
%
Table 63.
Low-frequency crystal oscillator characteristics
Parameter
Test conditions
Min.
Typ.
Max.
Unit
––
32.768
–
kHz
-100
–
+100
ppm
––
27
–
pF
––
18
–
pF
–
–
–
100
k
Ω
–
––2
s
––
0.5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com