Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108HB Datasheet(PDF) 256 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 256 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 252Page - STMicroelectronics STM32W108HB Datasheet HTML 253Page - STMicroelectronics STM32W108HB Datasheet HTML 254Page - STMicroelectronics STM32W108HB Datasheet HTML 255Page - STMicroelectronics STM32W108HB Datasheet HTML 256Page - STMicroelectronics STM32W108HB Datasheet HTML 257Page - STMicroelectronics STM32W108HB Datasheet HTML 258Page - STMicroelectronics STM32W108HB Datasheet HTML 259Page - STMicroelectronics STM32W108HB Datasheet HTML 260Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 278 page
background image
Electrical characteristics
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
256/278
Doc ID 16252 Rev 14
Total Tx current ( = IRadio transmitter,
MAC and baseband, CPU + IRAM, and
Flash memory )
VDD_PADS = 3.0 V, 25 °C;
maximum power setting
(+7 dBm); ARM® Cortex-M3
running at 12 MHz
–42.0
–
mA
VDD_PADS = 3.0 V, 25 °C;
+3 dBm power setting; ARM®
Cortex-M3 running at 12 MHz
–29.5
–
mA
VDD_PADS = 3.0 V, 25 °C;
0dBm power setting; ARM®
Cortex-M3 running at 12 MHz
–27.0
–
mA
VDD_PADS = 3.0 V, 25 °C;
minimum power setting; ARM®
Cortex-M3 running at 12 MHz
–21.0
–
mA
VDD_PADS = 3.0 V, 25 °C;
maximum power setting
(+7 dBm); ARM® Cortex-M3
running at 24 MHz
–43.5
–
mA
VDD_PADS = 3.0 V, 25 °C;
+3 dBm power setting; ARM®
Cortex-M3 running at 24 MHz
–31.0
–
mA
VDD_PADS = 3.0 V, 25 °C;
0dBm power setting; ARM®
Cortex-M3 running at 24 MHz
–28.5
–
mA
VDD_PADS = 3.0 V, 25 °C;
minimum power setting; ARM®
Cortex-M3 running at 24 MHz
–22.5
–
mA
1.
105°C values are valid only for STM32W108CC and STM32W108CZ products.
Table 64.
DC electrical characteristics (continued)
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com