Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108HB Datasheet(PDF) 260 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 260 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 256Page - STMicroelectronics STM32W108HB Datasheet HTML 257Page - STMicroelectronics STM32W108HB Datasheet HTML 258Page - STMicroelectronics STM32W108HB Datasheet HTML 259Page - STMicroelectronics STM32W108HB Datasheet HTML 260Page - STMicroelectronics STM32W108HB Datasheet HTML 261Page - STMicroelectronics STM32W108HB Datasheet HTML 262Page - STMicroelectronics STM32W108HB Datasheet HTML 263Page - STMicroelectronics STM32W108HB Datasheet HTML 264Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 278 page
background image
Electrical characteristics
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
260/278
Doc ID 16252 Rev 14
14.9
Non-RF system electrical characteristics
Table 66 lists the non-RF system level characteristics for the STM32W.
System wakeup time from deep
sleep
From wakeup event to first
ARM® Cortex-M3 instruction
running from 6MHz internal RC
clock
Includes supply ramp time and
oscillator startup time
Shutdown time going into deep
sleep
From last ARM® Cortex-M3
instruction to deep sleep mode
14.10
RF electrical characteristics
14.10.1
Receive
Table 67 lists the key parameters of the integrated IEEE 802.15.4 receiver on the STM32W.
Note:
Receive measurements were collected with ST’s STM32W Ceramic Balun Reference
Design (Version A0) at 2440 MHz. The Typical number indicates one standard deviation
above the mean, measured at room temperature (25
° C). The Min and Max numbers were
measured over process corners at room temperature
Table 66.
Non-RF system electrical characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
–
110
–
µs
–5
–
µs
Table 67.
Receive characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Frequency range
2400
–
2500
MHz
Sensitivity (boost mode)
1% PER, 20 byte packet
defined by IEEE 802.15.4-2003
–
-102
-96
dBm
Sensitivity
1% PER, 20 byte packet
defined by IEEE 802.15.4-2003
–
-100
-94
dBm
High-side adjacent channel
rejection
IEEE 802.15.4 signal at -82
dBm
–35
–
dB
Low-side adjacent channel
rejection
IEEE 802.15.4 signal at -82
dBm
–35
–
dB
2nd high-side adjacent channel
rejection
IEEE 802.15.4 signal at -82
dBm
–46
–
dB
2nd low-side adjacent channel
rejection
IEEE 802.15.4 signal at -82
dBm
–46
–
dB
Channel rejection for all other
channels
IEEE 802.15.4 signal at -82
dBm
–40
–
dB
802.11g rejection centered at +12
MHz or -13 MHz
IEEE 802.15.4 signal at -82
dBm
–36
–
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com