Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108HB Datasheet(PDF) 259 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 259 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 255Page - STMicroelectronics STM32W108HB Datasheet HTML 256Page - STMicroelectronics STM32W108HB Datasheet HTML 257Page - STMicroelectronics STM32W108HB Datasheet HTML 258Page - STMicroelectronics STM32W108HB Datasheet HTML 259Page - STMicroelectronics STM32W108HB Datasheet HTML 260Page - STMicroelectronics STM32W108HB Datasheet HTML 261Page - STMicroelectronics STM32W108HB Datasheet HTML 262Page - STMicroelectronics STM32W108HB Datasheet HTML 263Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
Electrical characteristics
Doc ID 16252 Rev 14
259/278
14.8
Digital I/O specifications
Table 65 lists the digital I/O specifications for the STM32W. The digital I/O power (named
VDD_PADS) comes from three dedicated pins (Pins 23, 28 and 37). The voltage applied to
these pins sets the I/O voltage.
Voltage supply (Regulator
Input)
VDD_PADS
Low Schmitt switching threshold
VSWIL
Schmitt input threshold
going from high to low
High Schmitt switching
threshold
VSWIH
Schmitt input threshold
going from low to high
Input current for logic 0
IIL
Input current for logic 1
IIH
Input pull-up resistor value
RIPU
Input pull-down resistor value
RIPD
Output voltage for logic 0
VOL
(IOL = 4 mA for standard
pads, 8 mA for high
current pads)
Output voltage for logic 1
VOH
(IOH = 4 mA for standard
pads, 8 mA for high
current pads)
Output source current (standard
current pad)
IOHS
Output sink current (standard
current pad)
IOLS
Output source current
high current pad: PA6, PA7,
PB6, PB7, PC0
IOHH
Output sink current
high current pad: PA6, PA7,
PB6, PB7, PC0
IOLH
Total output current (for I/O
Pads)
IOH + IOL
Input voltage threshold for
OSC32_OUT
Input voltage threshold for
OSC_OUT
Table 65.
Digital I/O characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
2.1–3.6
V
0.42 x
VDD_PAD
S
–
0.50 x
VDD_PAD
S
V
0.62 x
VDD_PAD
S
–
0.80 x
VDD_PAD
S
V
––
-0.5
µA
––
+0.5
µA
24
29
34
k
Ω
24
29
34
k
Ω
0–
0.18 x
VDD_PAD
S
V
0.82 x
VDD_PAD
S
–
VDD_PAD
S
V
––
4
mA
––
4
mA
––
8
mA
––
8
mA
––
40
mA
0.2 x
VDD_PAD
S
–
0.8 x
VDD_PAD
S
V
0.2 x
VDD_PAD
SA
–
0.8 x
VDD_PAD
SA
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com