Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108HB Datasheet(PDF) 262 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 262 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 258Page - STMicroelectronics STM32W108HB Datasheet HTML 259Page - STMicroelectronics STM32W108HB Datasheet HTML 260Page - STMicroelectronics STM32W108HB Datasheet HTML 261Page - STMicroelectronics STM32W108HB Datasheet HTML 262Page - STMicroelectronics STM32W108HB Datasheet HTML 263Page - STMicroelectronics STM32W108HB Datasheet HTML 264Page - STMicroelectronics STM32W108HB Datasheet HTML 265Page - STMicroelectronics STM32W108HB Datasheet HTML 266Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 278 page
background image
Electrical characteristics
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
262/278
Doc ID 16252 Rev 14
14.10.3
Synthesizer
Table 69 lists the key parameters of the integrated synthesizer on the STM32W.
Frequency range
Frequency resolution
Lock time
From off, with correct VCO DAC
setting
Relock time
Channel change or RX/TX
turnaround (IEEE 802.15.4
defines 192 µs turnaround
time)
Phase noise at 100 kHz offset
Phase noise at 1 MHz offset
Phase noise at 4 MHz offset
Phase noise at 10 MHz offset
Table 69.
Synthesizer characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
2400
–
2500
MHz
–
11.7
–
kHz
––
100
µs
––
100
µs
–-71
–
dBc/Hz
–-91
–
dBc/Hz
–
-103
–
dBc/Hz
–
-111
–
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com