Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108HBU61 Datasheet(PDF) 88 Page - STMicroelectronics

Part # STM32W108HBU61
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HBU61 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STM32W108HBU61 Datasheet HTML 84Page - STMicroelectronics STM32W108HBU61 Datasheet HTML 85Page - STMicroelectronics STM32W108HBU61 Datasheet HTML 86Page - STMicroelectronics STM32W108HBU61 Datasheet HTML 87Page - STMicroelectronics STM32W108HBU61 Datasheet HTML 88Page - STMicroelectronics STM32W108HBU61 Datasheet HTML 89Page - STMicroelectronics STM32W108HBU61 Datasheet HTML 90Page - STMicroelectronics STM32W108HBU61 Datasheet HTML 91Page - STMicroelectronics STM32W108HBU61 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 278 page
background image
General-purpose input/output
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
88/278
Doc ID 16252 Rev 14
8.1
Functional description
8.1.1
GPIO ports
The 24 GPIO pins are grouped into three ports: PA, PB, and PC. Individual GPIOs within a
port are numbered 0 to 7 according to their bit positions within the GPIO registers.
Note:
Because GPIO port registers' functions are identical, the notation x is used here to refer to
A, B, or C. For example, GPIOx_IDR refers to the registers GPIOA_IDR, GPIOB_IDR, and
GPIOC_IDR.
Each of the three GPIO ports has the following registers whose low-order eight bits
correspond to the port's eight GPIO pins:
●
GPIOx_IDR (input data register) returns the pin level (unless in analog mode).
●
GPIOx_ODR (output data register) controls the output level in normal output mode.
●
GPIOx_BRR (clear output data register) clears bits in GPIOx_ODR.
●
GPIOx_BSR (set output data register) sets bits in GPIOx_ODR.
●
GPIOx_WAKER (wake monitor register) specifies the pins that can wake the
STM32W108.
In addition to these registers, each port has a pair of configuration registers, GPIOx_CRH
and GPIOx_CRL. These registers specify the basic operating mode for the port's pins.
GPIOx_CRL configures the pins CNFMODE3[3:0], CNFMODE2[3:0], CNFMODE1[3:0], and
CNFMODE0[3:0]. GPIOx_CRH configures the pins CNFMODE7[3:0], CNFMODE6[3:0],
CNFMODE5[3:0], and CNFMODE4[3:0]. Henceforth, the notation GPIOx_CRH/L is used to
refer to the pair of configuration registers.
Five GPIO pins (PA6, PA7, PB6, PB7 and PC0) can sink and source higher current than
standard GPIO outputs. Refer to Table 65: Digital I/O characteristics on page 259 for more
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com