Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP15810 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STP15810
Description  N-channel 100 V, 0.0036 Ω typ., 110 A, STripFET™ F7 Power MOSFET in a TO-220 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP15810 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STP15810 Datasheet HTML 5Page - STMicroelectronics STP15810 Datasheet HTML 6Page - STMicroelectronics STP15810 Datasheet HTML 7Page - STMicroelectronics STP15810 Datasheet HTML 8Page - STMicroelectronics STP15810 Datasheet HTML 9Page - STMicroelectronics STP15810 Datasheet HTML 10Page - STMicroelectronics STP15810 Datasheet HTML 11Page - STMicroelectronics STP15810 Datasheet HTML 12Page - STMicroelectronics STP15810 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Revision history
STP15810
12/13
DocID024972 Rev 4
5
Revision history
Table 9. Document revision history
Date
Revision
Changes
10-Jul-2013
1
First release.
21-Jan-2013
2
– The part number STH15810-2 has been moved to a separate
datasheet
– Modified: Figure 1
– Modified: ID and IDM values in Table 2
– Modified: Rthj-case value in Table 3
– Modified: RDS(on) values in Table 4
– Modified: VSD, ID and the entire typical values in Table 5, 6 and 7
– Updated: Figure 13, 14, 15 and 16
– Updated: Section 4: Package mechanical data
– Added: Section 2.1: Electrical characteristics (curves)
– Minor text changes
29-Jan-2013
3
– Document status promoted from preliminary data to production
data
– Modified: title
– Modified: RDS(on) typical value in Table 4
– Minor text changes
20-Aug-2014
4
Updated title in cover page.
Added EAS parameter in Table 2: Absolute maximum ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com