Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108HCU61 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM32W108HCU61
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HCU61 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM32W108HCU61 Datasheet HTML 16Page - STMicroelectronics STM32W108HCU61 Datasheet HTML 17Page - STMicroelectronics STM32W108HCU61 Datasheet HTML 18Page - STMicroelectronics STM32W108HCU61 Datasheet HTML 19Page - STMicroelectronics STM32W108HCU61 Datasheet HTML 20Page - STMicroelectronics STM32W108HCU61 Datasheet HTML 21Page - STMicroelectronics STM32W108HCU61 Datasheet HTML 22Page - STMicroelectronics STM32W108HCU61 Datasheet HTML 23Page - STMicroelectronics STM32W108HCU61 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 278 page
background image
Pinout and pin description
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
20/278
Doc ID 16252 Rev 14
24
20
PA2
I/O
Digital I/O
TIM2_CH4
(see also
Pin 20)
O
Timer 2 channel 4 output
Disable remap with TIM2_OR[7]
Enable timer output in TIM2_CCER
Select alternate output function with GPIOA_CRL[11:8]
I
Timer 2 channel 4 input. Disable remap with TIM2_OR[7].
SC2SCL
I/O
I2C clock of Serial Controller 2
Either disable timer output in TIM2_CCER or enable remap
with TIM2_OR[7]
Select I2C with SC2_CR
Select alternate open-drain output function with
GPIOA_CRL[11:8]
SC2SCLK
O
SPI master clock of Serial Controller 2
Either disable timer output in TIM2_CCER or enable remap
with TIM2_OR[7]
Enable master with SC2_SPICR[4]
Select SPI with SC2_CR
Select alternate output function with GPIOA_CRL[11:8]
I
SPI slave clock of Serial Controller 2
Enable slave with SC2_SPICR[4]
Select SPI with SC2_CR
25
21
PA3
I/O
Digital I/O
SC2nSSEL
I
SPI slave select of Serial Controller 2
Enable slave with SC2_SPICR[4]
Select SPI with SC2_CR
TRACECLK
(see also Pin
36)
O
Synchronous CPU trace clock
Either disable timer output in TIM2_CCER or enable remap
with TIM2_OR[5]
Enable trace interface in ARM core
Select alternate output function with GPIOA_CRL[15:12]
TIM2_CH2
(see also Pin
31)
O
Timer 2 channel 2 output
Disable remap with TIM2_OR[5]
Enable timer output in TIM2_CCER
Select alternate output function with GPIOA_CRL[15:12]
I
Timer 2 channel 2 input. Disable remap with TIM2_OR[5].
Table 2.
Pin descriptions (continued)
48-Pin
Package
Pin no.
40-Pin
Package
Pin no.
Signal
Direction
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com