Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108HBU71 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STM32W108HBU71
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HBU71 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM32W108HBU71 Datasheet HTML 28Page - STMicroelectronics STM32W108HBU71 Datasheet HTML 29Page - STMicroelectronics STM32W108HBU71 Datasheet HTML 30Page - STMicroelectronics STM32W108HBU71 Datasheet HTML 31Page - STMicroelectronics STM32W108HBU71 Datasheet HTML 32Page - STMicroelectronics STM32W108HBU71 Datasheet HTML 33Page - STMicroelectronics STM32W108HBU71 Datasheet HTML 34Page - STMicroelectronics STM32W108HBU71 Datasheet HTML 35Page - STMicroelectronics STM32W108HBU71 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 278 page
background image
Embedded memory
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
32/278
Doc ID 16252 Rev 14
Flash may be programmed either through the Serial Wire/JTAG interface or through
bootloader software. Programming Flash through Serial Wire/JTAG requires the assistance
of RAM-based utility code. Programming through a bootloader requires specific software for
over-the-air loading or serial link loading. A simplified, serial-link-only bootloader is also
available preprogrammed into the FIB.
4.3
Random-access memory
The STM32W108 has 8/12/16 Kbytes of static RAM on-chip. The start of RAM is mapped to
address 0x20000000. Although the ARM® Cortex-M3 allows bit band accesses to this
address region, the standard MPU configuration does not permit use of the bit-band feature.
The RAM is physically connected to the AHB System bus and is therefore accessible to both
the ARM® Cortex-M3 microprocessor and the debugger. The RAM can be accessed for
both instruction and data fetches as bytes, half words, or words. The standard MPU
configuration does not permit execution from the RAM, but for special purposes, such as
programming the main Flash block, the MPU may be disabled. To the bus, the RAM appears
as 32-bit wide memory and in most situations has zero wait state read or write access. In
the higher CPU clock mode the RAM requires two wait states. This is handled by hardware
transparent to the user application with no configuration required.
4.3.1
Direct memory access (DMA) to RAM
Several of the peripherals are equipped with DMA controllers allowing them to transfer data
into and out of RAM autonomously. This applies to the radio (802.15.4 MAC), general
purpose ADC, and both serial controllers. In the case of the serial controllers, the DMA is full
duplex so that a read and a write to RAM may be requested at the same time. Thus there
are six DMA channels in total.
The STM32W108 integrates a DMA arbiter that ensures fair access to the microprocessor
as well as the peripherals through a fixed priority scheme appropriate to the memory
bandwidth requirements of each master. The priority scheme is as follows, with the top
peripheral being the highest priority:
1.
General Purpose ADC
2.
Serial Controller 2 Receive
3.
Serial Controller 2 Transmit
4.
MAC
5.
Serial Controller 1 Receive
6.
Serial Controller 1 Transmit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com