Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108CBU63 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32W108CBU63
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CBU63 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32W108CBU63 Datasheet HTML 1Page - STMicroelectronics STM32W108CBU63 Datasheet HTML 2Page - STMicroelectronics STM32W108CBU63 Datasheet HTML 3Page - STMicroelectronics STM32W108CBU63 Datasheet HTML 4Page - STMicroelectronics STM32W108CBU63 Datasheet HTML 5Page - STMicroelectronics STM32W108CBU63 Datasheet HTML 6Page - STMicroelectronics STM32W108CBU63 Datasheet HTML 7Page - STMicroelectronics STM32W108CBU63 Datasheet HTML 8Page - STMicroelectronics STM32W108CBU63 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 278 page
background image
This is information on a product in full production.
September 2012
Doc ID 16252 Rev 14
1/278
1
STM32W108HB STM32W108CC
STM32W108CB STM32W108CZ
High-performance, IEEE 802.15.4 wireless system-on-chip with up
to 256 Kbytes of embedded Flash memory
Datasheet
−production data
Features
■ Complete system-on-chip
– 32-bit ARM® Cortex™-M3 processor
– 2.4 GHz IEEE 802.15.4 transceiver & lower
MAC
– 128/192/256-Kbyte Flash, 8/12/16-Kbyte
RAM memory
– AES128 encryption accelerator
– Flexible ADC, SPI/UART/I2C serial
communications, and general-purpose
timers
– 24 highly configurable GPIOs with Schmitt
trigger inputs
■ Industry-leading ARM® Cortex™-M3
processor
– Leading 32-bit processing performance
– Highly efficient Thumb®-2 instruction set
– Operation at 6, 12 or 24 MHz
– Flexible nested vectored interrupt controller
■ Low power consumption, advanced
management
– Receive current (w/ CPU): 27 mA
– Transmit current (w/ CPU, +3 dBm TX):
31 mA
– Low deep sleep current, with retained RAM
and GPIO: 400 nA/800 nA with/without
sleep timer
– Low-frequency internal RC oscillator for
low-power sleep timing
– High-frequency internal RC oscillator for
fast (100 µs) processor start-up from sleep
■ Exceptional RF performance
– Normal mode link budget up to 102 dB;
configurable up to 107 dB
– -99 dBm normal RX sensitivity;
configurable to -100 dBm (1% PER, 20
byte packet)
– +3 dB normal mode output power;
configurable up to +8 dBm
VFQFPN48
(7 x 7 mm)
VFQFPN40
(6 x 6 mm)
UFQFPN48
(7 x 7 mm)
– Robust WiFi and Bluetooth coexistence
■ Innovative network and processor debug
– Non-intrusive hardware packet trace
– Serial wire/JTAG interface
– Standard ARM debug capabilities: Flash
patch & breakpoint; data watchpoint &
trace; instrumentation trace macrocell
■ Application flexibility
– Single voltage operation: 2.1-3.6 V with
internal 1.8 V and 1.25 V regulators
– Optional 32.768 kHz crystal for higher timer
accuracy
– Low external component count with single
24 MHz crystal
– Support for external power amplifier
– Small 7x7 mm 48-pin VFQFPN package or
6x6 mm 40-pin VFQFPN package
Applications
■ Smart energy
■ Building automation and control
■ Home automation and control
■ Security and monitoring
■ ZigBee® Pro wireless sensor networking
■ RF4CE products and remote controls
■ 6LoWPAN and custom protocols
www.st.com


Similar Part No. - STM32W108CBU63

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32W108CBU63 STMICROELECTRONICS-STM32W108CBU63 Datasheet
2Mb / 179P
High-performance, IEEE 802.15.4 wireless system-on-chip
21-Sep-2009
logo
List of Unclassifed Man...
STM32W108CBU63 ETC2-STM32W108CBU63 Datasheet
302Kb / 20P
High-performance, 802.15.4 wireless system-on-chip
More results

Similar Description - STM32W108CBU63

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32W108HB STMICROELECTRONICS-STM32W108HB Datasheet
2Mb / 179P
High-performance, IEEE 802.15.4 wireless system-on-chip
21-Sep-2009
logo
List of Unclassifed Man...
EM351 ETC2-EM351 Datasheet
11Mb / 240P
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
logo
Silicon Laboratories
EM351 SILABS-EM351_12 Datasheet
4Mb / 244P
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
logo
STMicroelectronics
STM32F103RET6 STMICROELECTRONICS-STM32F103RET6 Datasheet
1Mb / 130P
256 to 512 Kbytes of Flash memory
19-Apr-2011
STM32F107VCT6 STMICROELECTRONICS-STM32F107VCT6 Datasheet
1Mb / 103P
64 to 256 Kbytes of Flash memory
01-Aug-2011
logo
List of Unclassifed Man...
STM32W108CBU64TR ETC2-STM32W108CBU64TR Datasheet
302Kb / 20P
High-performance, 802.15.4 wireless system-on-chip
logo
ATMEL Corporation
SAM3U ATMEL-SAM3U_14 Datasheet
1Mb / 60P
From 64 to 256 Kbytes embedded Flash
logo
Silicon Laboratories
EM357-RTR SILABS-EM357-RTR Datasheet
10Mb / 241P
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
logo
STMicroelectronics
STM32F303X6 STMICROELECTRONICS-STM32F303X6 Datasheet
1Mb / 115P
Up to 64 Kbytes of Flash memory
October 2016 Rev 5
logo
Silicon Laboratories
EM359X SILABS-EM359X Datasheet
8Mb / 59P
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com