Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW9N80K5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW9N80K5
Description  N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFETs in a TO-220 and TO-247 packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW9N80K5 Datasheet(HTML) 1 Page - STMicroelectronics

  STW9N80K5 Datasheet HTML 1Page - STMicroelectronics STW9N80K5 Datasheet HTML 2Page - STMicroelectronics STW9N80K5 Datasheet HTML 3Page - STMicroelectronics STW9N80K5 Datasheet HTML 4Page - STMicroelectronics STW9N80K5 Datasheet HTML 5Page - STMicroelectronics STW9N80K5 Datasheet HTML 6Page - STMicroelectronics STW9N80K5 Datasheet HTML 7Page - STMicroelectronics STW9N80K5 Datasheet HTML 8Page - STMicroelectronics STW9N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
July 2016
DocID028461 Rev 3
1/16
This is information on a product in full production.
www.st.com
STP9N80K5, STW9N80K5
N-
channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5
Power MOSFETs in a TO-220 and TO-247 packages
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
STP9N80K5
800 V
0.90 Ω
7 A
STW9N80K5
Industry’s lowest RDS(on) x area
Industry’s best FoM (figure of merit)
Ultra-low gate charge
100% avalanche tested
Zener-protected
Applications
Switching applications
Description
These very high voltage N-channel Power
MOSFET are designed using MDmesh™ K5
technology based on an innovative proprietary
vertical structure. The result is a dramatic
reduction in on-resistance and ultra-low gate
charge for applications requiring superior power
density and high efficiency.
Table 1: Device summary
Order code
Marking
Package
Packing
STP9N80K5
9N80K5
TO-220
Tube
STW9N80K5
TO-247
1
2
3
TO-247
1
2
3
TAB
TO-220


Similar Part No. - STW9N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW9N150 STMICROELECTRONICS-STW9N150 Datasheet
151Kb / 9P
N-channel 1500V - 2.2Ω - 8A - TO-247 Very high voltage PowerMESH??Power MOSFET
24-May-2007
logo
Inchange Semiconductor ...
STW9N150 ISC-STW9N150 Datasheet
373Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STW9N150 STMICROELECTRONICS-STW9N150 Datasheet
258Kb / 12P
N-channel 1500 V - 1.8 Ω - 8 A - TO-247 very high voltage PowerMESH™ Power MOSFET
24-May-2007
STW9NA60 STMICROELECTRONICS-STW9NA60 Datasheet
123Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Oct-1998
logo
Inchange Semiconductor ...
STW9NA60 ISC-STW9NA60 Datasheet
352Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW9N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD4N80K5 STMICROELECTRONICS-STD4N80K5 Datasheet
1Mb / 23P
N-channel 800 V, 2.1 ??typ., 3 A MDmesh™K5 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
04-Feb-2015
STP7N105K5 STMICROELECTRONICS-STP7N105K5 Datasheet
989Kb / 18P
N-channel 1050 V, 1.4 Ω typ., 4 A MDmesh™ K5 Power MOSFETs in TO-220, IPAK and TO-247 packages
October 2016 Rev 2
STD9N80K5 STMICROELECTRONICS-STD9N80K5 Datasheet
387Kb / 19P
N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFET in a DPAK package
12-Nov-2018
STF14N80K5 STMICROELECTRONICS-STF14N80K5 Datasheet
766Kb / 16P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFETs in TO-220FP and I²PAKFP packages
02-Dec-2015
STP14N80K5 STMICROELECTRONICS-STP14N80K5 Datasheet
725Kb / 14P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a TO-220 package
04-Mar-2016
STP17N80K5 STMICROELECTRONICS-STP17N80K5 Datasheet
739Kb / 13P
N-channel 800 V, 0.29 Ω typ., 14 A MDmesh™ K5 Power MOSFET in a TO-220 package
19-May-2016
STP3LN80K5 STMICROELECTRONICS-STP3LN80K5 Datasheet
804Kb / 15P
N-channel 800 V, 2.75 Ω typ., 2 A MDmesh™ K5 Power MOSFET in TO-220 and IPAK packages
28-Jun-2016
STP4LN80K5 STMICROELECTRONICS-STP4LN80K5 Datasheet
718Kb / 13P
N-channel 800 V, 2.1 Ω typ.,3 A MDmesh™ K5 Power MOSFET in a TO-220 package
18-May-2016
STB13N80K5 STMICROELECTRONICS-STB13N80K5_V01 Datasheet
1Mb / 23P
N-channel 800 V, 0.37 Ω typ., 12 A MDmesh™ K5 Power MOSFETs in D²PAK, TO-220FP, TO-220 and TO-247
25-Sep-2017
STW30N80K5 STMICROELECTRONICS-STW30N80K5 Datasheet
723Kb / 13P
N-channel 800 V, 0.15 Ω typ., 24 A, MDmesh™ K5 Power MOSFET in a TO-247 package
21-Mar-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com