Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STB13N80K5 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STB13N80K5
Description  N-channel 800 V, 0.37 Ω typ., 12 A MDmesh™ K5 Power MOSFETs in D²PAK, TO-220FP, TO-220 and TO-247
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB13N80K5 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STB13N80K5 Datasheet HTML 15Page - STMicroelectronics STB13N80K5 Datasheet HTML 16Page - STMicroelectronics STB13N80K5 Datasheet HTML 17Page - STMicroelectronics STB13N80K5 Datasheet HTML 18Page - STMicroelectronics STB13N80K5 Datasheet HTML 19Page - STMicroelectronics STB13N80K5 Datasheet HTML 20Page - STMicroelectronics STB13N80K5 Datasheet HTML 21Page - STMicroelectronics STB13N80K5 Datasheet HTML 22Page - STMicroelectronics STB13N80K5 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Revision history
STB13N80K5, STF13N80K5, STP13N80K5,
STW13N80K5
22/23
DocID024348 Rev 4
5
Revision history
Table 15: Document revision history
Date
Revision
Changes
07-Mar-2013
1
First release.
27-Mar-2013
2
Updated Figure 1: Internal schematic diagram.
Minor text changes.
Document status promoted from preliminary data to production data.
15-Apr-2013
3
– Modified: EAS value, the entire typical values on Table 5, 6 and 7
– Inserted: Section 2.1: Electrical characteristics (curves)
– Minor text changes
25-Sep-2017
4
Added: TO-247 package.
Updated title, features and description.
Updated Figure 13: "Static drain-source on-resistance".
Updated Table 2: "Absolute maximum ratings", Table 5: "On/off-
state", Table 6: "Dynamic" and Table 8: "Source-drain diode".
Added Figure 8: "Safe operating area for TO-247" and Figure 9:
"Thermal impedance for TO-247".
Updated Section 4.4: "TO-247 package information".
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com