Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P5NK50 Datasheet(PDF) 4 Page - STMicroelectronics

Part # P5NK50
Description  N-channel 500 V, 1.22 Ω typ., 4.4 A SuperMESH™ Power MOSFETs in I2PAK, DPAK, TO‑220, TO‑220FP and IPAK packages
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P5NK50 Datasheet(HTML) 4 Page - STMicroelectronics

  P5NK50 Datasheet HTML 1Page - STMicroelectronics P5NK50 Datasheet HTML 2Page - STMicroelectronics P5NK50 Datasheet HTML 3Page - STMicroelectronics P5NK50 Datasheet HTML 4Page - STMicroelectronics P5NK50 Datasheet HTML 5Page - STMicroelectronics P5NK50 Datasheet HTML 6Page - STMicroelectronics P5NK50 Datasheet HTML 7Page - STMicroelectronics P5NK50 Datasheet HTML 8Page - STMicroelectronics P5NK50 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
4.4
A
ISDM (1)
Source-drain current
(pulsed)
17.6
VSD (2)
Forward on voltage
ISD = 4.4 A, VGS = 0 V
-
1.6
V
trr
Reverse recovery time
ISD = 4.4 A, di/dt = 100 A/µs
VDD = 30 V, Tj = 150°C (see Figure 17. Test
circuit for inductive load switching and
diode recovery times)
-
310
ns
Qrr
Reverse recovery charge
1.425
µC
IRRM
Reverse recovery current
9.2
A
1. Pulse width limited by safe operating area.
2. Pulsed: pulse duration = 300 μs, duty cycle 1.5%.
Table 8. Gate-source Zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)GSO
Gate-source breakdown
voltage
IGS = ±1 mA, ID = 0 A
±30
-
-
V
The built-in back-to-back Zener diodes are specifically designed to enhance the ESD performance of the device.
The Zener voltage facilitates efficient and cost-effective device integrity protection, thus eliminating the need for
additional external componentry.
STB5NK50Z-1,STD5NK50ZT4,STP5NK50Z,STP5NK50ZFP,STU5NK50Z
Electrical characteristics
DS2834 - Rev 6
page 4/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com