Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LLC2 Datasheet(PDF) 1 Page - Littelfuse

Part # LLC2
Description  Open Board Liquid Level Controls
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LLC2 Datasheet(HTML) 1 Page - Littelfuse

  LLC2 Datasheet HTML 1Page - Littelfuse LLC2 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
www.littelfuse.com/
Rev: 1-A-062716
Protection Relays
Pump Controls and Liquid Level Controls
www.littelfuse.com/llc2
LLC2 SERIES
Description
The LLC2 Series is a dual-probe conductive liquid level control
designed for OEM equipment and commercial appliance
applications. Models are available for fill or drain operation.
Transformer isolated 12VAC is provided at the probes to prevent
electrolysis. A trickle current of less than 1mA determines the
presence or absence of liquid between the probes and common.
On adjustable units, the sensitivity adjustment allows accurate
level sensing while ignoring foaming agents and floating debris.
The LLC2 Series printed circuit board is conformal coated to
resist moisture and corrosion.
Operation
Drain (Pump-Down Mode): When the liquid level rises and
touches the high probe, the output relay energizes and remains
energized until the liquid level falls below the low probe. The
output relay then de-energizes and remains de-energized until
the liquid again touches the high probe.
Fill (Pump-Up Mode): When the liquid level falls below the low
probe, the output relay energizes and remains energized until
the liquid level rises and touches the high probe. The output
relay then de-energizes and remains de-energized until the liquid
level again falls below the low probe.
Features & Benefits
FEATURES
BENEFITS
Isolated 12VAC probes
Prevents scale buildup on the probes
Open PCB design
Cost effective design for OEM equipment and
commercial appliances
Conformally coated PCB
Protects against moisture and corrosion
Sensitivity adjustment
Provides accurate level sensing while ignoring foam
or floating debris
Accessories
P1015-13 (AWG 10/12), P1015-64 (AWG 14/16),
P1015-14 (AWG 18/22) Female Quick Connect
These 0.25 in. (6.35 mm) female terminals are
constructed with an insulator barrel to provide
strain relief.
P1015-18 Quick Connect to Screw Adapter
Screw adapter terminal designed for use with
all modules with 0.25 in. (6.35 mm) male quick
connect terminals.
PHST-38QTN Electrode
Designed for a maximum steam pressure of
240 PSI; 400° F. UL353 Recognized.
LLP-24 Threaded Probe (24”)
Threaded stainless steel probe measuring 24”
(61 cm) long. For use with PHST-38QTN liquid
level control electrodes.
Open Board Liquid Level Controls
Ordering Information
MODEL
INPUT
VOLTAGE
OPERATION TERMINATION
SENSE
RESISTANCE
LLC24A2AN
120VAC
Drain
Terminal block
Adjustable
to 100kΩ
LLC24A2F50N 120VAC
Drain
Terminal block
Fixed 50kΩ
LLC24B1AC
120VAC
Fill
0.25”
Quick connect
Adjustable
to 100kΩ
LLC24B1F26C 120VAC
Fill
0.25”
Quick connect
Fixed 26kΩ
LLC24B2F50N 120VAC
Fill
Terminal block
Fixed 50kΩ
LLC26A1F25C 230VAC
Drain
0.25”
Quick connect
Fixed 25kΩ
If you don’t find the part you need, call us for a custom product 800-843-8848
Wiring Diagram
L1
N/L2
Metal Tank or use
additional Probe
V = Voltage
L = Low Probe
H = High Probe
C = Probe Common
P = Probe
∆S = Sensitivity
Adjustment
NC = Normally
Closed
NO = Normally
Open
Connect common to conductive tank. Additional
probe is necessary for non-conductive or
insulated tanks.


Similar Part No. - LLC2

ManufacturerPart #DatasheetDescription
logo
Siretta Limited.
LLC200A SIRETTA-LLC200A Datasheet
309Kb / 2P
RF Cable Assembly Product Guide
LLC200A SIRETTA-LLC200A Datasheet
308Kb / 2P
RF Cable Assembly Product Guide
More results

Similar Description - LLC2

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
039-6000-100 MAGNETROL-039-6000-100 Datasheet
161Kb / 8P
Tuffy짰 Liquid Level Controls with Pneumatic Switch
039-6000-104 MAGNETROL-039-6000-104 Datasheet
152Kb / 4P
Tuffy Liquid Level Controls with Pneumatic Switch
T3B MAGNETROL-T3B Datasheet
308Kb / 12P
Tuffy II짰 Liquid Level Controls with Electric Switches
T31-002N-10A MAGNETROL-T31-002N-10A Datasheet
542Kb / 28P
Tuffy짰 II Liquid Level Controls with Electric Switches
T52-1E3N-KOG MAGNETROL-T52-1E3N-KOG Datasheet
283Kb / 24P
Side Mounting Liquid Level Controls
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
LLC1 LITTELFUSE-LLC1 Datasheet
369Kb / 2P
Open Board Liquid Level Controls
2016 Rev: 1-A-062716
LLC4 LITTELFUSE-LLC4 Datasheet
450Kb / 2P
Octal Plug-In Liquid Level Controls
2017 Rev: 1-A-020817
LLC5 LITTELFUSE-LLC5 Datasheet
428Kb / 2P
Liquid Level Controls
2016 Rev: 1-A-062116
LLC6 LITTELFUSE-LLC6 Datasheet
416Kb / 2P
Low Level Cutoff Liquid Level Controls
2016 Rev: 1-A-062716
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com