Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BC64SS007FF Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # BC64SS007FF
Description  POWER CORD 5-15P TO BARE 1M BLK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BC64SS007FF Datasheet(HTML) 1 Page - Bel Fuse Inc.

  BC64SS007FF Datasheet HTML 1Page - Bel Fuse Inc. BC64SS007FF Datasheet HTML 2Page - Bel Fuse Inc. BC64SS007FF Datasheet HTML 3Page - Bel Fuse Inc. BC64SS007FF Datasheet HTML 4Page - Bel Fuse Inc. BC64SS007FF Datasheet HTML 5Page - Bel Fuse Inc. BC64SS007FF Datasheet HTML 6Page - Bel Fuse Inc. BC64SS007FF Datasheet HTML 7Page - Bel Fuse Inc. BC64SS007FF Datasheet HTML 8Page - Bel Fuse Inc. BC64SS007FF Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Cable Catalog
belfuse.com


Similar Part No. - BC64SS007FF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC640 MOTOROLA-BC640 Datasheet
116Kb / 4P
High Current Transistors
logo
ON Semiconductor
BC640 ONSEMI-BC640 Datasheet
86Kb / 4P
High Current Transistors(PNP Silicon)
June, 2000 ??Rev. 1
logo
NXP Semiconductors
BC640 PHILIPS-BC640 Datasheet
43Kb / 8P
PNP medium power transistors
1999 Apr 23
logo
Siemens Semiconductor G...
BC640 SIEMENS-BC640 Datasheet
126Kb / 5P
PNP Silicon AF Transistors (High current gain High collector current)
logo
Fairchild Semiconductor
BC640 FAIRCHILD-BC640 Datasheet
62Kb / 3P
PNP EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - BC64SS007FF

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-PC2302-020027-1 ASSMANN-A-PC2302-020027-1 Datasheet
1Mb / 1P
5-15P TO 320C13
A-PC2302-030021-1 ASSMANN-A-PC2302-030021-1 Datasheet
1Mb / 1P
5-15P TO 320C13
A-PC2302-030026-1 ASSMANN-A-PC2302-030026-1 Datasheet
1Mb / 1P
5-15P TO 320C13
A-PC2304-030028-1 ASSMANN-A-PC2304-030028-1 Datasheet
1Mb / 1P
5-15P TO 320C13
A-PC2304-050027-1 ASSMANN-A-PC2304-050027-1 Datasheet
1Mb / 1P
5-15P TO 320C13
logo
Tripp Lite. All Rights ...
P022001 TRIPPLITE-P022001 Datasheet
469Kb / 2P
Standard Power Extension Cord, 10A, 18AWG (NEMA 5-15P to NEMA 5-15R), 1-ft
P022025 TRIPPLITE-P022025 Datasheet
487Kb / 2P
Standard Power Extension Cord, 10A, 18AWG (NEMA 5-15P to NEMA 5-15R), 25-ft
P02400313A TRIPPLITE-P02400313A Datasheet
497Kb / 2P
Standard Power Extension Cord, 13A, 16AWG (NEMA 5-15P to NEMA 5-15R), 3-ft
P02401013A TRIPPLITE-P02401013A Datasheet
497Kb / 2P
Standard Power Extension Cord, 13A, 16AWG (NEMA 5-15P to NEMA 5-15R), 10-ft
P022-015 TRIPPLITE-P022-015 Datasheet
494Kb / 4P
Standard Power Extension Cord, 10A, 18AWG (NEMA 5-15P to NEMA 5-15R) 15-ft.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com