Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BC86SS014FF Datasheet(PDF) 15 Page - Bel Fuse Inc.

Part # BC86SS014FF
Description  POWER CORD 5-15P TO BARE 1M BLK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BC86SS014FF Datasheet(HTML) 15 Page - Bel Fuse Inc.

Back Button BC86SS014FF Datasheet HTML 11Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 12Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 13Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 14Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 15Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 16Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 17Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 18Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 19Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
15
HDMI Cable Assemblies
Description
Bel’s HDMI cable assemblies support standard enhanced or high-definition video plus multi-channel audio on a single
cable. HDMI technology is an industry-supported, evolving standard that combines video and audio into a single
digital interface used in many audio-visual technologies including televisions, screens and displays for IoT applications.
The HDMI cable assemblies feature gold-plated connectors to provide superior transmission, high reliability, and
durability. The HDMI male to female assemblies features a panel mount design to provide a secured HDMI connection
on faceplates or panels. Bel’s HDMI assemblies are backwards compatible with previous HDMI standards.
HDMI Male to Male Assemblies
Bel Part Number
End Connector A
End Connector B
Performance
Lengths Available
AWG Size
ft
m
BC-HH003F
HDMI Male
HDMI Male
HDMI 2.0
3ft
0.91m
28 AWG
BC-HH006F
HDMI Male
HDMI Male
HDMI 2.0
6ft
1.82m
28 AWG
BC-HH0010F
HDMI Male
HDMI Male
HDMI 2.0
10ft
3.04m
28 AWG
HDMI Male to Female Panel Mount Assemblies
Bel Part Number
End Connector A
End Connector B
Performance
Lengths Available
AWG Size
ft
m
BC-HF001F
HDMI Male
HDMI Female Panel Mount
HDMI 1.4
1ft
0.30m
28 AWG
BC-HF003F
HDMI Male
HDMI Female Panel Mount
HDMI 1.4
3ft
0.91m
28 AWG
BC-HF006F
HDMI Male
HDMI Female Panel Mount
HDMI 1.4
6ft
1.82m
28 AWG
BC-HF010F
HDMI Male
HDMI Female Panel Mount
HDMI 1.4
10ft
3.04m
28 AWG
Cable Catalog
BC = Cable Assembly Family
F
XXX
BC
HH
HH = HDMI Male 2.0
HF = HDMI Male to Panel Mount Female 1.4
Connector Performance
Part Number
Length
F = Feet
UOM
001F = 1ft
003F = 3ft
006F = 6ft
010F = 10ft



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com