Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29DL16XCT70ZCB Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM29DL16XCT70ZCB
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL16XCT70ZCB Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM29DL16XCT70ZCB Datasheet HTML 3Page - Advanced Micro Devices AM29DL16XCT70ZCB Datasheet HTML 4Page - Advanced Micro Devices AM29DL16XCT70ZCB Datasheet HTML 5Page - Advanced Micro Devices AM29DL16XCT70ZCB Datasheet HTML 6Page - Advanced Micro Devices AM29DL16XCT70ZCB Datasheet HTML 7Page - Advanced Micro Devices AM29DL16XCT70ZCB Datasheet HTML 8Page - Advanced Micro Devices AM29DL16XCT70ZCB Datasheet HTML 9Page - Advanced Micro Devices AM29DL16XCT70ZCB Datasheet HTML 10Page - Advanced Micro Devices AM29DL16XCT70ZCB Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
Am29DL16xC
7
P R E L I M I NARY
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid
Combination) is formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in
volume for this device. Consult the local AMD sales office to con-
firm availability of specific valid combinations and to check on
newly released combinations.
Am29DL16xC
T
70
E
I
OPTIONAL PROCESSING
Blank =
Standard Processing
B=
Burn-In
N
=
16-byte ESN devices
(Contact an AMD representative for more information)
TEMPERATURE RANGE
C
=
Commercial (0
°C to +70°C)
I
=
Industrial (–40
°C to +85°C)
E
=
Extended (–55
°C to +125°C)
PACKAGE TYPE
E
=
48-Pin Thin Small Outline Package
(TSOP) Standard Pinout (TS 048)
Z
=
56-Pin Shrink Small Outline Package (SSO056)
WC
=
48-Ball Fine-Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 8 x 9 mm package (FBC048)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T=
Top sector
B
=
Bottom sector
DEVICE NUMBER/DESCRIPTION
Am29DL16xC
16Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS Flash Memory
3.0 Volt-only Read, Program, and Erase
Valid Combinations for TSOP and SSOP Packages
AM29DL162CT70,
AM29DL162CB70
EI
AM29DL163CT70R,
AM29DL163CB70R
ZC
AM29DL163CT70,
AM29DL163CB70
EI
AM29DL162CT90,
AM29DL162CB90
EI
AM29DL163CT90,
AM29DL163CB90
EI, ZI
AM29DL162CT120,
AM29DL162CB120
EI, EE
AM29DL163CT120,
AM29DL163CB120
EI, EE, ZI, ZE
Valid Combinations for FBGA Packages
Order Number
Package Marking
AM29DL162CT70,
AM29DL162CB70
WCI
D162CT70V,
D162CB70V
I
AM29DL163CT70,
AM29DL163CB70
D163CT70V,
D163CB70V
AM29DL164CT80,
AM29DL164CB80
D164CT80V,
D164CB80V
AM29DL162CT90,
AM29DL162CB90
D162CT90V,
D162CB90V
AM29DL163CT90,
AM29DL163CB90
D163CT90V,
D163CB90V
AM29DL164CT90,
AM29DL164CB90
D164CT90V,
D164CB90V
AM29DL162CT120,
AM29DL162CB120
WCI,
WCE
D162CT12V,
D162CB12V
I, E
AM29DL163CT120,
AM29DL163CB120
D163CT12V,
D163CB12V
AM29DL164CT120,
AM29DL164CB120
D164CT12V,
D164CB12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com