Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APT15GT120BRG Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APT15GT120BRG
Description  Thunderbolt IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT15GT120BRG Datasheet(HTML) 1 Page - Advanced Power Technology

  APT15GT120BRG Datasheet HTML 1Page - Advanced Power Technology APT15GT120BRG Datasheet HTML 2Page - Advanced Power Technology APT15GT120BRG Datasheet HTML 3Page - Advanced Power Technology APT15GT120BRG Datasheet HTML 4Page - Advanced Power Technology APT15GT120BRG Datasheet HTML 5Page - Advanced Power Technology APT15GT120BRG Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APT15GT120BR(G)
TYPICAL PERFORMANCE CURVES
MAXIMUM RATINGS
All Ratings: T
C = 25°C unless otherwise specified.
STATIC ELECTRICAL CHARACTERISTICS
Characteristic / Test Conditions
Collector-Emitter Breakdown Voltage (V
GE = 0V, I C = 1mA)
Gate Threshold Voltage (V
CE = VGE, I C = 0.6mA, Tj = 25°C)
Collector-Emitter On Voltage (V
GE = 15V, IC = 15A, Tj = 25°C)
Collector-Emitter On Voltage (V
GE = 15V, IC = 15A, Tj = 125°C)
Collector Cut-off Current (V
CE = 1200V, VGE = 0V, Tj = 25°C)
2
Collector Cut-off Current (V
CE = 1200V, VGE = 0V, Tj = 125°C)
2
Gate-Emitter Leakage Current (V
GE = ±20V)
Symbol
V
(BR)CES
V
GE(TH)
V
CE(ON)
I
CES
I
GES
Units
Volts
µA
nA
Symbol
V
CES
V
GE
I
C1
I
C2
I
CM
SSOA
P
D
T
J,TSTG
T
L
APT15GT120BR(G)
1200
±30
36
18
45
45A @ 960V
250
-55 to 150
300
UNIT
Volts
Amps
Watts
°C
Parameter
Collector-Emitter Voltage
Gate-Emitter Voltage
Continuous Collector Current @ T
C = 25°C
Continuous Collector Current @ T
C = 110°C
Pulsed Collector Current 1 @ T
C = 150°C
Switching Safe Operating Area @ T
J = 150°C
Total Power Dissipation
Operating and Storage Junction Temperature Range
Max. Lead Temp. for Soldering: 0.063" from Case for 10 Sec.
APT Website - http://www.advancedpower.com
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
G
C
E
MIN
TYP
MAX
1200
4.5
5.5
6.5
2.5
3.0
3.6
3.8
100
TBD
480
The Thunderblot IGBT® is a new generation of high voltage power IGBTs. Using Non- Punch
Through Technology, the Thunderblot IGBT® offers superior ruggedness and ultrafast
switching speed.
• Low Forward Voltage Drop
• High Freq. Switching to 50KHz
• Low Tail Current
• Ultra Low Leakage Current
• RBSOA and SCSOA Rated
Thunderbolt IGBT®
1200V
APT15GT120BR
APT15GT120BRG*
*G Denotes RoHS Compliant, Pb Free Terminal Finish.
®
TO-2
47
G
C
E


Similar Part No. - APT15GT120BRG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT15GT120BRG MICROSEMI-APT15GT120BRG Datasheet
128Kb / 6P
Thunderbolt IGBT
APT15GT120BRG MICROSEMI-APT15GT120BRG Datasheet
2Mb / 44P
Power Semiconductors Power Modules
More results

Similar Description - APT15GT120BRG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT15GT60BRDQ1 ADPOW-APT15GT60BRDQ1 Datasheet
427Kb / 9P
Thunderbolt IGBT
APT15GT120BRDQ1 ADPOW-APT15GT120BRDQ1 Datasheet
430Kb / 9P
Thunderbolt IGBT
APT20GT60BRDQ1 ADPOW-APT20GT60BRDQ1 Datasheet
428Kb / 9P
Thunderbolt IGBT
APT25GT120BR ADPOW-APT25GT120BR Datasheet
394Kb / 6P
Thunderbolt IGBT
APT30GT60BRDQ2 ADPOW-APT30GT60BRDQ2 Datasheet
435Kb / 9P
Thunderbolt IGBT
APT50GT60BRDQ2 ADPOW-APT50GT60BRDQ2 Datasheet
431Kb / 9P
Thunderbolt IGBT
logo
Microsemi Corporation
APT100GT60JRDQ4 MICROSEMI-APT100GT60JRDQ4 Datasheet
215Kb / 9P
Thunderbolt IGBT
APT100GT120JRDQ4 MICROSEMI-APT100GT120JRDQ4 Datasheet
993Kb / 9P
Thunderbolt IGBT
APT40GT60BRG MICROSEMI-APT40GT60BRG Datasheet
229Kb / 6P
Thunderbolt IGBT
logo
Advanced Power Technolo...
APT50GT120LRDQ2 ADPOW-APT50GT120LRDQ2 Datasheet
440Kb / 9P
Thunderbolt IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com