Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APT20M11JFLL Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT20M11JFLL
Description  POWER MOS 7 FREDFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT20M11JFLL Datasheet(HTML) 4 Page - Advanced Power Technology

  APT20M11JFLL Datasheet HTML 1Page - Advanced Power Technology APT20M11JFLL Datasheet HTML 2Page - Advanced Power Technology APT20M11JFLL Datasheet HTML 3Page - Advanced Power Technology APT20M11JFLL Datasheet HTML 4Page - Advanced Power Technology APT20M11JFLL Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APT20M11JFLL
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE10,MAXIMUMSAFEOPERATINGAREA
FIGURE11,CAPACITANCEvsDRAIN-TO-SOURCEVOLTAGE
Qg,TOTALGATECHARGE(nC)
V
SD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
FIGURE12,GATECHARGESvsGATE-TO-SOURCEVOLTAGE
FIGURE13,SOURCE-DRAINDIODEFORWARDVOLTAGE
1
5
10
50
100 200
0
10
20
30
40
50
0
50
100
150
200
250
300
0.3
0.5
0.7
0.9
1.1
1.3
1.5
TC=+25°C
TJ=+150°C
SINGLE PULSE
704
500
100
50
10
16
14
12
10
8
6
4
2
0
I
D
= 176A
30,000
10,000
1,000
100
50
10
500
100
50
10
5
1
OPERATIONHERE
LIMITEDBYRDS(ON)
Crss
Coss
Ciss
10mS
100µS
1mS
VDS=100V
VDS=40V
VDS=160V
TJ=+150°C
TJ=+25°C
I
D (A)
I
D (A)
FIGURE 14, DELAY TIMES vs CURRENT
FIGURE 15, RISE AND FALL TIMES vs CURRENT
ID (A)
R
G, GATE RESISTANCE (Ohms)
FIGURE 16, SWITCHING ENERGY vs CURRENT
FIGURE 17, SWITCHING ENERGY VS. GATE RESISTANCE
V
DD = 130V
R
G = 5Ω
T
J = 125°C
L = 100µH
td(on)
td(off)
Eon
Eoff
Eon
Eoff
tr
tf
V
DD = 130V
R
G = 5Ω
T
J = 125°C
L = 100µH
V
DD = 130V
I
D = 176A
T
J = 125°C
L = 100µH
E
ON includes
diode reverse recovery.
V
DD = 130V
R
G = 5Ω
T
J = 125°C
L = 100µH
E
ON includes
diode reverse recovery.
30
60
90
120 150 180 210 240 270
30
60
90
120 150 180 210 240 270
30
60
90
120 150 180 210 240 270
0
5
10 15 20 25 30
35 40 45 50
160
140
120
100
80
60
40
20
0
8000
6000
4000
2000
0
300
250
200
150
100
50
0
10000
8000
6000
4000
2000
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com