Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VS-VSKT500-..PBF Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VS-VSKT500-..PBF
Description  Thyristor/Diode and Thyristor/Thyristor (Super MAGN-A-PAK Power Modules), 500 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSKT500-..PBF Datasheet(HTML) 8 Page - Vishay Siliconix

  VS-VSKT500-..PBF Datasheet HTML 1Page - Vishay Siliconix VS-VSKT500-..PBF Datasheet HTML 2Page - Vishay Siliconix VS-VSKT500-..PBF Datasheet HTML 3Page - Vishay Siliconix VS-VSKT500-..PBF Datasheet HTML 4Page - Vishay Siliconix VS-VSKT500-..PBF Datasheet HTML 5Page - Vishay Siliconix VS-VSKT500-..PBF Datasheet HTML 6Page - Vishay Siliconix VS-VSKT500-..PBF Datasheet HTML 7Page - Vishay Siliconix VS-VSKT500-..PBF Datasheet HTML 8Page - Vishay Siliconix VS-VSKT500-..PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 14-Dec-16
1
Document Number: 95283
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Super MAGN-A-PAK Thyristor/Diode
DIMENSIONS in millimeters (inches)
31.0
(1.22)
50.0
(1.97)
44.0
(1.73)
17 (0.67) max.
19 (0.75)
M10
Fast-on tabs
2.8 x 0.8 (0.11 x 0.03)
36.4 (1.14)
4.5 (0.20)
54
6
5, 6 = Gate
4, 7 = Cathode
7
26.0
(0.98)
26.0
(0.98)
112.0 (4.41)
124.0 (4.88)
149.0 (5.67)
1.0 (0.039)
32
1
Ø 6.5 mm ± 0.3 mm x 4 holes (Typ.)
9.9 ± 0.5 (0.39 ± 0.02)
18 (0.71) max.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com