Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APT35GP120B Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT35GP120B
Description  POWER MOS 7 IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT35GP120B Datasheet(HTML) 4 Page - Advanced Power Technology

  APT35GP120B Datasheet HTML 1Page - Advanced Power Technology APT35GP120B Datasheet HTML 2Page - Advanced Power Technology APT35GP120B Datasheet HTML 3Page - Advanced Power Technology APT35GP120B Datasheet HTML 4Page - Advanced Power Technology APT35GP120B Datasheet HTML 5Page - Advanced Power Technology APT35GP120B Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APT35GP120B
T
J
= 125°C, VGE = 10V or 15V
T
J
= 25°C, VGE = 10V or 15V
V
GE =
10V,TJ=125°C
VGE= 15V
VGE= 10V
V
GE
=15V,TJ=125°C
T
J
= 125°C, VGE = 10V or 15V
T
J
= 25°C, VGE = 10V or 15V
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 9, Turn-On Delay Time vs Collector Current
FIGURE 10, Turn-Off Delay Time vs Collector Current
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 11, Current Rise Time vs Collector Current
FIGURE 12, Current Fall Time vs Collector Current
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 13, Turn-On Energy Loss vs Collector Current
FIGURE 14, Turn Off Energy Loss vs Collector Current
R
G
, GATE RESISTANCE (OHMS)
T
J
, JUNCTION TEMPERATURE (°C)
FIGURE 15, Switching Energy Losses vs. Gate Resistance
FIGURE 16, Switching Energy Losses vs Junction Temperature
V
GE
=15V,TJ=25°C
V
GE =
10V,TJ=25°C
10
20
30
40
50
60
70
10
20
30
40
50
60
70
10
20
30
40
50
60
70
10
20
30
40
50
60
70
10
20
30
40
50
60
70
10
20
30
40
50
60
70
0
10
20
30
40
50
0
25
50
75
100
125
180
160
140
120
100
80
60
40
20
0
100
90
80
70
60
50
40
30
20
10
0
4000
3000
2000
1000
0
5000
4000
3000
2000
1000
0
T
J
=125°C,VGE=15V
T
J
= 25°C,VGE=15V
T
J
=125°C,VGE=10V
Eon2 35A
Eon2 17.5A
Eoff 17.5A
Eoff 17.5A
Eoff 35A
Eoff70A
Eon2 35A
Eon2 70A
Eon2 17.5A
T
J
= 25 or 125°C,VGE =10V
T
J
= 25 or125°C,VGE = 10V
Eon2 70A
Eoff 70A
Eoff 35A
T
J
= 25°C,VGE=10V
VCE = 600V
RG = 5Ω
L = 100 µH
R
G
= 5
Ω, L = 100µH, V
CE = 600V
VCE = 600V
VGE = +15V
RG = 5 Ω
VCE = 600V
VGE = +15V
TJ = 125°C
VCE = 600V
RG = 5 Ω
VCE = 600V
RG = 5 Ω
VCE = 600V
TJ = 25°C, TJ =125°C
RG = 5Ω
L = 100 µH
R
G
= 5
Ω, L = 100µH, V
CE = 600V
35
30
25
20
15
10
5
0
140
120
100
80
60
40
20
0
5000
4000
3000
2000
1000
0
8000
7000
6000
5000
4000
3000
2000
1000
0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com