Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APT35GP120JDQ2 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT35GP120JDQ2
Description  POWER MOS 7 IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT35GP120JDQ2 Datasheet(HTML) 2 Page - Advanced Power Technology

  APT35GP120JDQ2 Datasheet HTML 1Page - Advanced Power Technology APT35GP120JDQ2 Datasheet HTML 2Page - Advanced Power Technology APT35GP120JDQ2 Datasheet HTML 3Page - Advanced Power Technology APT35GP120JDQ2 Datasheet HTML 4Page - Advanced Power Technology APT35GP120JDQ2 Datasheet HTML 5Page - Advanced Power Technology APT35GP120JDQ2 Datasheet HTML 6Page - Advanced Power Technology APT35GP120JDQ2 Datasheet HTML 7Page - Advanced Power Technology APT35GP120JDQ2 Datasheet HTML 8Page - Advanced Power Technology APT35GP120JDQ2 Datasheet HTML 9Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
APT35GP120JDQ2
DYNAMIC CHARACTERISTICS
Symbol
C
ies
C
oes
C
res
V
GEP
Q
g
Q
ge
Q
gc
RBSOA
t
d(on)
t
r
t
d(off)
t
f
E
on1
E
on2
E
off
t
d(on)
t
r
t
d(off)
t
f
E
on1
E
on2
E
off
Test Conditions
Capacitance
V
GE = 0V, VCE = 25V
f = 1 MHz
Gate Charge
V
GE = 15V
V
CE = 600V
I
C = 35A
T
J = 150°C, RG = 4.3Ω, VGE =
15V, L = 100µH,V
CE = 960V
Inductive Switching (25°C)
V
CC = 600V
V
GE = 15V
I
C = 35A
R
G = 4.3Ω
T
J = +25°C
Inductive Switching (125°C)
V
CC = 600V
V
GE = 15V
I
C = 35A
R
G = 4.3Ω
T
J = +125°C
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Gate-to-Emitter Plateau Voltage
Total Gate Charge 3
Gate-Emitter Charge
Gate-Collector ("Miller") Charge
Reverse Bias Safe Operating Area
Turn-on Delay Time
Current Rise Time
Turn-off Delay Time
Current Fall Time
Turn-on Switching Energy 4
Turn-on Switching Energy (Diode) 5
Turn-off Switching Energy 6
Turn-on Delay Time
Current Rise Time
Turn-off Delay Time
Current Fall Time
Turn-on Switching Energy 4 4
Turn-on Switching Energy (Diode) 55
Turn-off Switching Energy 6
MIN
TYP
MAX
3240
250
31
7.5
150
21
60
140
16
20
95
40
750
1305
680
16
20
145
75
750
2130
1745
UNIT
pF
V
nC
A
ns
µJ
ns
µJ
THERMAL AND MECHANICAL CHARACTERISTICS
UNIT
°C/W
gm
Volts
MIN
TYP
MAX
.44
1.10
29.2
2500
Characteristic
Junction to Case
(IGBT)
Junction to Case
(DIODE)
Package Weight
RMS Voltage (50-60hHz Sinusoidal Wavefomr Ffrom Terminals to Mounting Base for 1 Min.)
Symbol
RθJC
RθJC
W
T
V
Isolation
1 Repetitive Rating: Pulse width limited by maximum junction temperature.
2 For Combi devices, I
ces includes both IGBT and FRED leakages
3 See MIL-STD-750 Method 3471.
4 E
on1 is the clamped inductive turn-on energy of the IGBT only, without the effect of a commutating diode reverse recovery current
adding to the IGBT turn-on loss. Tested in inductive switching test circuit shown in figure 21, but with a Silicon Carbide diode.
5 E
on2 is the clamped inductive turn-on energy that includes a commutating diode reverse recovery current in the IGBT turn-on switching
loss. (See Figures 21, 22.)
6 E
off is the clamped inductive turn-off energy measured in accordance with JEDEC standard JESD24-1. (See Figures 21, 23.)
APT Reserves the right to change, without notice, the specifications and information contained h



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com