Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS5600AMMA8ES Datasheet(PDF) 14 Page - NXP Semiconductors

Part # MFS5600AMMA8ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA8ES Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button MFS5600AMMA8ES Datasheet HTML 10Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 11Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 12Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 13Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 14Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 15Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 16Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 17Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
OTP_SW1_VOLT[7:0]
Vout Setting (V)
01010000
5
01010001
5.05
01010010
5.1
01010011
5.15
01010100
5.2
01010101
5.25
01010110
5.3
01010111
5.35
01011000
5.4
01011001
5.45
01011010
5.5
01011011
5.55
01011100
5.6
01011101
5.65
01011110
5.7
01011111
5.75
01100000
5.8
01100001
5.85
01100010
5.9
01100011
5.95
01100100
6
01100101
6.05
01100110
6.1
01100111
6.15
01101000
6.2
01101001
6.25
01101010
6.3
01101011 to 01111111
Reserved. Do not use.
10010xxx
1.8 V - 2.15 V with external resistor divider
10011xxx
2.2 V - 2.55 V with external resistor divider
10100xxx
2.6 V - 2.95 V with external resistor divider
10101xxx
3 V - 3.35 V with external resistor divider
10110xxx
3.4 V - 3.75 V with external resistor divider
10111xxx
3.8 V - 4.15 V with external resistor divider
11000xxx
4.2 V - 4.55 V with external resistor divider
11001xxx
4.6 V - 4.95 V with external resistor divider
Table 10. OTP_SW1_VOLT[7:0] selection...continued
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
14 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com