Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APTGF20X60P2 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTGF20X60P2
Description  3 Phase bridge NPT IGBT Power Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGF20X60P2 Datasheet(HTML) 1 Page - Advanced Power Technology

  APTGF20X60P2 Datasheet HTML 1Page - Advanced Power Technology APTGF20X60P2 Datasheet HTML 2Page - Advanced Power Technology APTGF20X60P2 Datasheet HTML 3Page - Advanced Power Technology APTGF20X60P2 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APTGF20X60E2
APTGF20X60P2
APT website – http://www.advancedpower.com
1 - 4
All ratings @ Tj = 25°C unless otherwise specified
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
600
V
TC = 25°C
32
IC
Continuous Collector Current
TC = 80°C
20
ICM
Pulsed Collector Current
TC = 25°C
50
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
TC = 25°C
125
W
SCSOA Short Circuit Safe Operating Area
Tj = 125°C
80A@360V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
Pin out: APTGF20X60E2 (Long pins)
V
W
P+
11 12
9 10
7 8
U
N-
1 2 3 4 5 6
Pin out: APTGF20X60P2 (Short pins)
P+
W
V
U
N-
12
10
9
11
8
2
1
4
6
7
5
3
VCES = 600V
IC = 20A @ Tc = 80°C
Application
•
AC Motor control
Features
•
Non Punch Through (NPT) Fast IGBT®
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 50 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
•
Kelvin emitter for easy drive
•
Very low stray inductance
•
High level of integration
Benefits
•
Outstanding performance at high frequency
operation
•
Stable temperature behavior
•
Very rugged
•
Solderable terminals for easy PCB mounting
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Easy paralleling due to positive TC of VCEsat
•
Low profile
3 Phase bridge
NPT IGBT Power Module


Similar Part No. - APTGF20X60P2

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGF20X60BTP2 ADPOW-APTGF20X60BTP2 Datasheet
241Kb / 4P
Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
More results

Similar Description - APTGF20X60P2

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGF30X60E2 ADPOW-APTGF30X60E2 Datasheet
238Kb / 4P
3 Phase bridge NPT IGBT Power Module
APTGF50X120E3 ADPOW-APTGF50X120E3 Datasheet
209Kb / 3P
3 Phase bridge NPT IGBT Power Module
APTGF90X60E3 ADPOW-APTGF90X60E3 Datasheet
210Kb / 3P
3 Phase bridge NPT IGBT Power Module
APTGF90X60TE3 ADPOW-APTGF90X60TE3 Datasheet
220Kb / 3P
3 Phase bridge NPT IGBT Power Module
APTGF125X60E3 ADPOW-APTGF125X60E3 Datasheet
210Kb / 3P
3 Phase bridge NPT IGBT Power Module
APTGS50X170E3 ADPOW-APTGS50X170E3 Datasheet
214Kb / 3P
3 Phase bridge NPT IGBT Power Module
APTGS50X170TE3 ADPOW-APTGS50X170TE3 Datasheet
220Kb / 3P
3 Phase bridge NPT IGBT Power Module
APTGS75X170E3 ADPOW-APTGS75X170E3 Datasheet
214Kb / 3P
3 Phase bridge NPT IGBT Power Module
APTGS75X170TE3 ADPOW-APTGS75X170TE3 Datasheet
220Kb / 3P
3 Phase bridge NPT IGBT Power Module
logo
Microsemi Corporation
APTGF50X60T3G MICROSEMI-APTGF50X60T3G Datasheet
318Kb / 6P
3 Phase bridge NPT IGBT Power Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com