Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APTGF30X60BTP2 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTGF30X60BTP2
Description  Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGF30X60BTP2 Datasheet(HTML) 1 Page - Advanced Power Technology

  APTGF30X60BTP2 Datasheet HTML 1Page - Advanced Power Technology APTGF30X60BTP2 Datasheet HTML 2Page - Advanced Power Technology APTGF30X60BTP2 Datasheet HTML 3Page - Advanced Power Technology APTGF30X60BTP2 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APTGF30X60RTP2
APTGF30X60BTP2
APT website – http://www.advancedpower.com
1 - 4
All ratings @ Tj = 25°C unless otherwise specified
1. Absolute maximum ratings
Diode rectifier Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VRRM
Repetitive Peak Reverse Voltage
1600
V
ID
DC Forward Current
TC = 80°C
30
Tj = 25°C
300
IFSM
Surge Forward Current
tp = 10ms
Tj = 150°C
230
A
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
APTGF30X60RTP2: Without Brake (Pin 7 & 14 not connected)
10
11
18
16
14 13
15
17
19
20
21
12
1
2
3
4
5
6
22
23
24
7
8
9
VCES = 600V
IC = 30A @ Tc = 80°C
Application
•
AC Motor control
Features
•
Non Punch Through (NPT) Fast IGBT®
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 50 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
•
Very low stray inductance
•
High level of integration
•
Internal thermistor for temperature monitoring
Benefits
•
Low conduction losses
•
Stable temperature behavior
•
Very rugged
•
Solderable terminals for easy PCB mounting
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Easy paralleling due to positive TC of VCEsat
•
Low profile
Input rectifier bridge +
Brake + 3 Phase Bridge
NPT IGBT Power Module


Similar Part No. - APTGF30X60BTP2

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGF30X60E2 ADPOW-APTGF30X60E2 Datasheet
238Kb / 4P
3 Phase bridge NPT IGBT Power Module
APTGF30X60P2 ADPOW-APTGF30X60P2 Datasheet
238Kb / 4P
3 Phase bridge NPT IGBT Power Module
logo
Microsemi Corporation
APTGF30X60T3G MICROSEMI-APTGF30X60T3G Datasheet
317Kb / 6P
3 Phase bridge NPT IGBT Power Module
More results

Similar Description - APTGF30X60BTP2

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGF10X60BTP2 ADPOW-APTGF10X60BTP2 Datasheet
241Kb / 4P
Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
APTGF15X60BTP2 ADPOW-APTGF15X60BTP2 Datasheet
241Kb / 4P
Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
APTGF20X60BTP2 ADPOW-APTGF20X60BTP2 Datasheet
241Kb / 4P
Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
APTGF50X60BTP3 ADPOW-APTGF50X60BTP3 Datasheet
254Kb / 4P
Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
APTGS10X120BTP2 ADPOW-APTGS10X120BTP2 Datasheet
241Kb / 4P
Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
APTGS15X120BTP2 ADPOW-APTGS15X120BTP2 Datasheet
242Kb / 4P
Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
APTGS25X120BTP2 ADPOW-APTGS25X120BTP2 Datasheet
242Kb / 4P
Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
APTGF10X60RTP2 ADPOW-APTGF10X60RTP2 Datasheet
245Kb / 4P
Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
logo
Microsemi Corporation
APTGF15X60RTP2 MICROSEMI-APTGF15X60RTP2 Datasheet
245Kb / 4P
Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF50X60RTP3 ADPOW-APTGF50X60RTP3 Datasheet
258Kb / 4P
Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com