Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DF2B5M5CT Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # DF2B5M5CT
Description  ESD Protection Diodes Silicon Epitaxial Planar
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF2B5M5CT Datasheet(HTML) 2 Page - Toshiba Semiconductor

  DF2B5M5CT Datasheet HTML 1Page - Toshiba Semiconductor DF2B5M5CT Datasheet HTML 2Page - Toshiba Semiconductor DF2B5M5CT Datasheet HTML 3Page - Toshiba Semiconductor DF2B5M5CT Datasheet HTML 4Page - Toshiba Semiconductor DF2B5M5CT Datasheet HTML 5Page - Toshiba Semiconductor DF2B5M5CT Datasheet HTML 6Page - Toshiba Semiconductor DF2B5M5CT Datasheet HTML 7Page - Toshiba Semiconductor DF2B5M5CT Datasheet HTML 8Page - Toshiba Semiconductor DF2B5M5CT Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DF2B5M5CT
2
5. Example of Circuit Diagram
6. Quick Reference Data
Characteristics
Working peak reverse voltage
Total capacitance
Dynamic resistance
Electrostatic discharge voltage
(IEC61000-4-2) (Contact)
Symbol
VRWM
Ct
RDYN
VESD
Note
(Note 1)
(Note 2)
(Note 3)
Test Condition
�
VR = 0 V, f = 1 MHz
�
�
Min
�
�
�
�
Typ.
�
0.3
0.5
�
Max
3.3
0.45
�
20
Unit
V
pF
Ω
kV
Note 1: Recommended operating condition.
Note 2: TLP parameters: Z0 = 50 Ω, tp = 100 ns, tr = 300 ps, averaging window: t1 = 30 ns to t2 = 60 ns, extraction of
dynamic resistance using least squares fit of TLP characteristics between IPP1 = 16 A and IPP2 = 30 A.
Note 3: Criterion: No damage to devices.
6.1. ESD Clamp Waveform (Note)
Fig. 6.1.1
+8 kV
Fig. 6.1.2
-8 kV
Fig. 6.1.3
IEC61000-4-2 (Contact)
Note:
The above characteristics curves are presented for reference only and not guaranteed by production test,
unless otherwise noted.
2021-03-17
Rev.1.0
©2021
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com