Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLF0912 Datasheet(PDF) 1 Page - Sumida Corporation

Part # SLF0912
Description  NORMAL MODE CHOKES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SLF0912 Datasheet(HTML) 1 Page - Sumida Corporation

  SLF0912 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NORMAL MODE CHOKES
5
BM27
DIMENSIONS (mm)
外形寸法図
M OUTLINE/概要
1. Removal of high frequency noise of data lines for various kinds of
digital equipments.
1. 各種デジタル機器のデータラインの高周波ノイズを除去。
1. Using iron dust core
2. Effective high noise absorption
3. Automatic mounting is possible by delivery of radial tape
1. アイアンダストコア使用
2. 高ノイズ吸収効果
3. ラジアルテープにより自動実装可能
M FEATURES/特徴
◆ APPLICATION/用途
1. PC, microcomputer application equipments, IC application
household electric appliance equipments
1. パソコン、マイコン応用機器、IC応用家電機器
100M
10M
1M
0.1M
500M
FREQUENCY (Hz)
2000
1600
1200
800
400
0
BM27-200-6A
BM27-300-6A
BM27-400-6A
K Impedance Characteristics/インピーダンス特性
ø0.5
(5.0)
6.3MAX.
9.5MAX.
SLF0912
DIMENSIONS (mm)
外形寸法図
2M
3.0
2.7
2.5
2.2
2.0
1.7
1.4
1.2
0.9
0.7
0.5
40M
30M
20M
10M
5M
FREQUENCY (Hz)
270N
180N
560N
390N
K Impedance Characteristics/インピーダンス特性
2.5MAX.
5.0
ø0.5
7.5MAX.
M OUTLINE/概要
M OUTLINE/概要
1. Low cost type
2. Using ferrite core of large loss in high frequency band
3. High impedance for normal mode noise.
4. Automatic mounting is possible by delivery of radial tape
1. 廉価タイプ
2. 高周波損失の大きいフェライト材を使用
3. ノーマルモード用として高インピーダンス
4. ラジアルテープにより自動実装可能
M FEATURES/特徴
◆ APPLICATION/用途
Normal mode chokes.
* Data communication equipment.
* Hard disk drive.
* Image scanner.
ノーマルモードチョーク
※データ通信機器
※ハードディスクドライブ
※イメージスキャナ
K Specifications/仕様
Type
Impedance (@10MHz 0.1V)
D.C.R.
品名
インピーダンス
直流抵抗
BM27-200-6A
Min. 450
Ω
Max. 50m
Ω
BM27-300-6A
Min. 620
Ω
Max. 60m
Ω
BM27-400-6A
Min. 860
Ω
Max. 70m
Ω
K Specifications/仕様
Type
Inductance
D.C.R.
Rated current
品名
インダクタンス
直流抵抗
定格電流
@100kHz
SLF0912-180N
18µH
Max. 77m
Ω
1.8A
SLF0912-270N
27µH
Max. 100m
Ω
1.3A
SLF0912-390N
39µH
Max. 150m
Ω
1.1A
SLF0912-560N
56µH
Max. 260m
Ω
800mA
M OUTLINE/概要
1. Normal mode chokes
1. ノーマルモードチョーク
M OUTLINE/概要
M OUTLINE/概要


Similar Part No. - SLF0912

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SLF0912 SUMIDA-SLF0912 Datasheet
221Kb / 1P
NORMAL MODE CHOKES
SLF0912-180N SUMIDA-SLF0912-180N Datasheet
221Kb / 1P
NORMAL MODE CHOKES
SLF0912-270N SUMIDA-SLF0912-270N Datasheet
221Kb / 1P
NORMAL MODE CHOKES
SLF0912-390N SUMIDA-SLF0912-390N Datasheet
221Kb / 1P
NORMAL MODE CHOKES
SLF0912-560N SUMIDA-SLF0912-560N Datasheet
221Kb / 1P
NORMAL MODE CHOKES
More results

Similar Description - SLF0912

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SLF0912 SUMIDA-SLF0912 Datasheet
221Kb / 1P
NORMAL MODE CHOKES
logo
Bel Fuse Inc.
0571-0303-00 BEL-0571-0303-00 Datasheet
41Kb / 1P
POWER LINE CHOKES COMMON MODE CHOKES
logo
Bi technologies
HM18 BITECH-HM18 Datasheet
103Kb / 3P
Common-Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
COMMON MODE CHOKES
logo
Productwell Precision E...
DMCT1006-001 PRODUCTWELL-DMCT1006-001 Datasheet
91Kb / 1P
NORMAL MODE CHOKE
logo
XFMRS Inc.
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
COMMON MODE CHOKES
logo
RENCO ELECTRONICS, INC.
RL-4400-1H RENCO-RL-4400-1H Datasheet
1Mb / 2P
COMMON MODE CHOKES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com