Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DF2S6P1CT Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # DF2S6P1CT
Description  ESD Protection Diodes Silicon Epitaxial Planar
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF2S6P1CT Datasheet(HTML) 4 Page - Toshiba Semiconductor

  DF2S6P1CT Datasheet HTML 1Page - Toshiba Semiconductor DF2S6P1CT Datasheet HTML 2Page - Toshiba Semiconductor DF2S6P1CT Datasheet HTML 3Page - Toshiba Semiconductor DF2S6P1CT Datasheet HTML 4Page - Toshiba Semiconductor DF2S6P1CT Datasheet HTML 5Page - Toshiba Semiconductor DF2S6P1CT Datasheet HTML 6Page - Toshiba Semiconductor DF2S6P1CT Datasheet HTML 7Page - Toshiba Semiconductor DF2S6P1CT Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DF2S6P1CT
4
8. Electrical Characteristics (Unless otherwise specified, Ta = 25 �)
VRWM: Working peak reverse voltage
VBR: Reverse breakdown voltage
IBR: Reverse breakdown current
IR: Reverse current
VC: Clamp voltage
IPP: Peak pulse current
RDYN: Dynamic resistance
Fig. 8.1
Definitions of Electrical Characteristics
Characteristics
Working peak reverse voltage
Total capacitance
Dynamic resistance
Reverse breakdown voltage
Reverse current
Clamp voltage
Symbol
VRWM
Ct
RDYN
VBR
IR
VC
Note
(Note 1)
(Note 2)
(Note 3)
(Note 2)
Test Condition
�
VR = 0 V, f = 1 MHz
�
IBR = 1 mA
VRWM = 5.5 V
IPP = 1 A
IPP = 10 A
ITLP = 16 A
ITLP = 30 A
Min
�
�
�
5.6
�
�
�
�
�
Typ.
�
90
0.23
6.7
�
7
12
10
13
Max
5.5
�
�
8.0
0.1
�
16
�
�
Unit
V
pF
Ω
V
µA
V
V
Note 1: Recommended operating condition.
Note 2: TLP parameters: Z0 = 50 Ω, tp = 100 ns, tr = 300 ps, averaging window: t1 = 30 ns to t2 = 60 ns, extraction of
dynamic resistance using least squares fit of TLP characteristics between ITLP1 = 16 A and ITLP2 = 30 A.
Note 3: Based on IEC61000-4-5 8/20 µs pulse.
2022-11-02
Rev.2.0
©2018-2022
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com