Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DF3D36FU Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # DF3D36FU
Description  ESD Protection Diodes Silicon Epitaxial Planar
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF3D36FU Datasheet(HTML) 3 Page - Toshiba Semiconductor

  DF3D36FU Datasheet HTML 1Page - Toshiba Semiconductor DF3D36FU Datasheet HTML 2Page - Toshiba Semiconductor DF3D36FU Datasheet HTML 3Page - Toshiba Semiconductor DF3D36FU Datasheet HTML 4Page - Toshiba Semiconductor DF3D36FU Datasheet HTML 5Page - Toshiba Semiconductor DF3D36FU Datasheet HTML 6Page - Toshiba Semiconductor DF3D36FU Datasheet HTML 7Page - Toshiba Semiconductor DF3D36FU Datasheet HTML 8Page - Toshiba Semiconductor DF3D36FU Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DF3D36FU
3
6. Electrical Characteristics (Unless otherwise specified, Ta = 25�)
VRWM: Working peak reverse
voltage
VBR: Reverse breakdown voltage
IBR: Reverse breakdown current
IR: Reverse current
VC: Clamp voltage
IPP: Peak pulse current
RDYN: Dynamic resistance
Fig. 6.1
Definitions of Electrical Characteristics
Characteristics
Working peak reverse voltage
Reverse breakdown voltage
Reverse current
Clamp voltage
Dynamic resistance
Total capacitance
Symbol
VRWM
VBR
IR
VC
RDYN
Ct
Note
(Note 1)
(Note 2)
(Note 3)
Test Condition
�
IBR = 1 mA
VRWM = 28 V
IPP = 1 A
IPP = 2.5 A
�
VR = 0 V, f = 1 MHz
Min
�
32
�
�
�
�
�
Typ.
�
36
�
40
50
1.5
6.5
Max
28
40
0.1
�
60
�
8
Unit
V
V
µA
V
Ω
pF
Note 1: Based on IEC61000-4-5 8/20 µs pulse.
Note 2: TLP parameter: Z0 = 50 Ω, tp = 100 ns, tr = 300 ps, averaging window: t1 = 30 ns to t2 = 60 ns,
extraction of dynamic resistance using a least-squares fit of TLP characteristics at IPP between 8 A to 16 A.
Note 3: Guaranteed by design.
2021-06-03
Rev.4.0
©2016-2021
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com