Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESRP-PCS-ICR3231 Datasheet(PDF) 4 Page - Advantech Co., Ltd.

Part # ESRP-PCS-ICR3231
Description  Cloud Network Management System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ESRP-PCS-ICR3231 Datasheet(HTML) 4 Page - Advantech Co., Ltd.

  ESRP-PCS-ICR3231 Datasheet HTML 1Page - Advantech Co., Ltd. ESRP-PCS-ICR3231 Datasheet HTML 2Page - Advantech Co., Ltd. ESRP-PCS-ICR3231 Datasheet HTML 3Page - Advantech Co., Ltd. ESRP-PCS-ICR3231 Datasheet HTML 4Page - Advantech Co., Ltd. ESRP-PCS-ICR3231 Datasheet HTML 5Page - Advantech Co., Ltd. ESRP-PCS-ICR3231 Datasheet HTML 6Page - Advantech Co., Ltd. ESRP-PCS-ICR3231 Datasheet HTML 7Page - Advantech Co., Ltd. ESRP-PCS-ICR3231 Datasheet HTML 8Page - Advantech Co., Ltd. ESRP-PCS-ICR3231 Datasheet HTML 9Page - Advantech Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
EfficientAnti-IntrusionfromtheNetworkEdge
ProtectManufacturingAssetsagainstCyberAttack
PreventDDoSAttacksandPacketFlooding
MACandIPPolicySecurity
Advantech's Network Security Pack is the first line of defense and a gatekeeper to defend user networks,
preventing illegal, malicious, and fallacious packets from entering the network.
Advantech provides a rugged hardware design with high reliability. With this security pack, users can improve
system-wide reliability so that assets can be protected in a safe environment.
The Network Security Pack support DDoS attack prevention and IP security functions to helping prevent the system
from being attacked or paralized by DDoS and packet flooding.
The security pack acts as a security guard to protect networks based on MAC & IP policy.
Ordering Information
ESRP-CSS-EKI7712
NetworkSecurityPack
ESRP-CSS-EKI7712 8GEPoE+4GSFPL2ManagedEthernetSwitchbuilt-inwithCybersecuritysystem.
Platform
EKI-7712G-4GPI
Port Number
12
RJ45 Port Interface
8 x 10/100/1000Base-T(X)
Fiber Port Interface
4 x 100/1000 Mbps SFP
Power Budge
240W
Standard
"IEEE 802.3, 802.3u, 802.3x, 802.3z, 802.1D, 802.1w,802.1p, 802.1Q, 802.1X, 802.3ad, 802.3ab"
Software feature
Security Pack, VLAN, IGMP, X-Ring, QoS, DHCP, IXM etc.
Mounting
DIN-Rail
Operating Temperature
-40 ~ 75°C (-40 ~ 167°F)
Relative Humidity
(Non-condensing)
10 ~ 95%
Power Input
Dual 46~57VDC
Reverse Polarity
Present
Safety
UL 61010
EMI
CE, FCC Class A
Vertical Market
EN50121-4, NEMA TS2
EMC
EN 61000-4-2 , EN 61000-4-3 , EN 61000-4-4 , EN 61000-4-5 , EN 61000-4-6 , EN 61000-4-8
Shock
IEC 60068-2-27
Freefall
IEC 60068-2-32
Vibration
IEC 60068-2-6
Warranty Period
5 years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com