Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESRP-HMI-PPC3181SW Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ESRP-HMI-PPC3181SW
Description  HMI Edge Visualizer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ESRP-HMI-PPC3181SW Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ESRP-HMI-PPC3181SW Datasheet HTML 1Page - Advantech Co., Ltd. ESRP-HMI-PPC3181SW Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Human Machine Interface
15.6” Compact Machine Visualizer
18.5” Compact Machine Visualizer
21.5” Compact Machine Visualizer
Part Number
ESRP-HMI-PPC3151SW
ESRP-HMI-PPC3181SW
ESRP-HMI-PPC3211SW
Operating System
Win10 IoT 2016 Enterprise LTSB (64 bit)
Win10 IoT 2016 Enterprise LTSB (64 bit)
Win10 IoT 2016 Enterprise LTSB (64 bit)
Control Software
WebAccess/HMI V2.1 1400 tags
WebAccess/HMI V2.1 1400 tags
WebAccess/HMI V2.1 1400 tags
Processor
6th Gen Intel® Core™ i5-6300U
6th Gen Intel® Core™ i5-6300U
6th Gen Intel® Core™ i5-6300U
Memory
16GB DDR4 RAM
16GB DDR4 RAM
16GB DDR4 RAM
Display Size/Type
15.6"
18.5"
21.5"
Storage
128GB SSD
128GB SSD
128GB SSD
LAN
2 x GbE (Intel® I211-AT, I219LM)
2 x GbE (Intel® I211-AT, I219LM)
2 x GbE (Intel® I211-AT, I219LM)
I/O
1 x RS-232, 1x RS-232/422/485 (by
BIOS), 2 x USB 3.0, 2 x USB 2.0, 1 x HDMI,
1 x TPM2.0 (optional module)
1 x RS-232, 1x RS-232/422/485 (by
BIOS), 2 x USB 3.0, 2 x USB 2.0, 1 x HDMI,
1 x TPM2.0 (optional module)
1 x RS-232, 1x RS-232/422/485 (by
BIOS), 2 x USB 3.0, 2 x USB 2.0, 1 x HDMI,
1 x TPM2.0 (optional module)
Dual DC Power Input (Voltage)
12 ~ 24 VDC
12 ~ 24 VDC
12 ~ 24 VDC
Operating Temperature
0 ~ 50 °C with SSD
0 ~ 50 °C with SSD
0 ~ 50 °C with SSD
Storage Temperature
-20 ~ 60°C (-4 ~ 140°F)
-20 ~ 60°C (-4 ~ 140°F)
-20 ~ 60°C (-4 ~ 140°F)
Dimensions (WxDxH)
419.7 x 269.0 x 62.1 mm
488 x 309 x 61.7 mm
558.4 x 349.8 x 62.2 mm
ESRP-HMI-PPC3151SW/ESRP-HMI-PPC3181SW/ESRP-HMI-PPC3211SW
Edge Solution-Ready Package
ESRP-HMI-PPC3151SW
15.6" Compact Touch Panel PC with WebAccess/HMI, 1400 tags, ViewerPro,
PPC-3151SW-P65A, 16 GB RAM, 128 GB SSD, and Windows 10
ESRP-HMI-PPC3211SW
21.5" Compact Touch Panel PC with WebAccess/HMI, 1400 tags, ViewerPro,
PPC-3211SW-P65A, 16 GB RAM, 128 GB SSD, and Windows 10
ESRP-HMI-PPC3181SW
18.5" Compact Touch Panel PC with WebAccess/HMI, 1400 tags, ViewerPro,
PPC-3181SW-P65A, 16 GB RAM, 128 GB SSD, and Windows 10
Provides Complete HMI Functionality
Supports 450 PLC Communication Protocols for Excellent Connectivity
Integrated Software Solution for Diverse HMI Applications
Offers diverse functions including event and alarm handling, reporting, operation logging and analysis, as well as
parameter setting to enable real-time supervision.
The provision of solution-oriented objects with built-in functionality, high-end vector symbols, graphics, and
support for 450 PLC communication protocols ensures easy development of all HMI applications.
Onsite/in-field HMI connected to a remote SCADA system via Ethernet enables local machine data to be collected
for ERP/MES analysis. This integrated application software solution is suitable for diverse industries and machine
applications.
Ordering Information



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com